Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRFNFCA Datasheet(PDF) 62 Page - STMicroelectronics

Part # STRFNFCA
Description  Near field communication transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRFNFCA Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STRFNFCA Datasheet HTML 58Page - STMicroelectronics STRFNFCA Datasheet HTML 59Page - STMicroelectronics STRFNFCA Datasheet HTML 60Page - STMicroelectronics STRFNFCA Datasheet HTML 61Page - STMicroelectronics STRFNFCA Datasheet HTML 62Page - STMicroelectronics STRFNFCA Datasheet HTML 63Page - STMicroelectronics STRFNFCA Datasheet HTML 64Page - STMicroelectronics STRFNFCA Datasheet HTML 65Page - STMicroelectronics STRFNFCA Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 74 page
background image
Examples of STRFNFCA command code to activate NFC Forum and ISO/IEC 15693 tags STRFNF-
62/74
Doc ID 023077 Rev 10
Appendix D
Examples of STRFNFCA command code to
activate NFC Forum and ISO/IEC 15693 tags
The following script works on the evaluation board and with the STRFNFCA developement
software available from the ST internet site.
This section provides examples of STRFNFCA command code used to activate NFC Forum
and ISO/IEC 15693 tags using STRFNFCA development software.
SENDRECV
: Is the encapsulated STRFNFCA SendReceive command for which command
codes, number of bytes, and CRC are automatically appended to the parameter.
In this section,
●
The STRFNFCA command overhead (command code, length of data and transmission
flag) is in black.
●
The Tag instruction is in blue.
●
The STRFNFCA response overhead (result code, length of data and status) is in green.
●
The Tag response is in red.
When the CRC append option is set in the Protocol Select command, the CRC is
automatically appended by the STRFNFCA, but the CRC is not visible in the instruction log
file.
When the CRC is present in the command or response, CRC reply is in italics.
The following symbols correspond to:
>>> Frame sent by Host to STRFNFCA
<<< Frame received by Host from STRFNFCA
D.1
ISO/IEC 14443 Type A
D.1.1
NFC Forum Tag Type 1 (Topaz)
REM,
STRFNFCA code example to support NFC Forum Tag Type 1 14443_A
REM,
TEST TOPAZ 14443A (UID 6E567A00)
REM,
RFOFF
>>> 02020000
<<< 0000
REM,
TEST
TOPAZ
14443A (UID 6E567A00)
REM,
Sel Prot 14443A
option TOPAZ
>>> 020402000300
<<< 0000
REM, Optimization of synchronization between digital and analog
inputs by adjusting TimerW value (default 0x52, min. 0x50, max.
0x60). Recommended value is 0x56 or 0x58 for NFC Forum Tag Type 1
(Topaz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com