Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRFNFCA Datasheet(PDF) 18 Page - STMicroelectronics

Part # STRFNFCA
Description  Near field communication transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRFNFCA Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STRFNFCA Datasheet HTML 14Page - STMicroelectronics STRFNFCA Datasheet HTML 15Page - STMicroelectronics STRFNFCA Datasheet HTML 16Page - STMicroelectronics STRFNFCA Datasheet HTML 17Page - STMicroelectronics STRFNFCA Datasheet HTML 18Page - STMicroelectronics STRFNFCA Datasheet HTML 19Page - STMicroelectronics STRFNFCA Datasheet HTML 20Page - STMicroelectronics STRFNFCA Datasheet HTML 21Page - STMicroelectronics STRFNFCA Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 74 page
background image
Commands
STRFNFCA
18/74
Doc ID 023077 Rev 10
Table 9.
List of <Parameters> values for the PROTOCOLSELECT command for
different protocols (Reader)
Protocol
Code
Parameters
Examples of commands
Byte
Bit
Function
Field OFF
0x00
07:0
RFU
>>>0x02020000
ISO/IEC 15693
0x01
0
7:6
RFU
H 100 S: >>>0x02 02 01 01
H 100 D: >>>0x02 02 01 03
H 10 S: >>>0x02 02 01 05
H 10 D: >>>0x02 02 01 07
L 100 S: >>>0x02 02 01 21
L 100 D: >>>0x02 02 01 23
L 10 S: >>>0x02 02 01 25
L 10 D: >>>0x02 02 01 27
In these examples, the CRC is
automatically appended.
5:4
00
: 26 Kbps (H)
01
: 52 Kbps
10
: 6 Kbps (L)
11
: RFU
3
0
: Respect 312-µs delay
1
: Wait for SOF (1)
2
0
: 100% modulation (100)
1
: 10% modulation (10)
1
0
: Single subcarrier (S)
1
: Dual subcarrier (D)
0
Append CRC if set to ‘1’.
(1)
ISO/IEC 14443
Type A
NFC Forum Tag
Type 1
(Topaz)
NFC Forum Tag
Type 2
NFC Forum Tag
Type 4A
0x02
0
7:6
Transmission data rate
00
: 106 Kbps
01
: 212 Kbps (2)
10
: 424 Kbps
11
: RFU
>>>0x02020200
: ISO/IEC
14443 Type A tag, 106 Kbps
transmission and reception
rates, Time interval 86/90
Note that REQA, WUPA,
Select20 and Select70
commands use a fixed interval
of 86/90 µs between a request
and its reply. Other commands
use a variable interval with fixed
granularity.
Refer to the ISO/IEC 14443
standard for more details.
5:4
Reception data rate
00
: 106 Kbps
01
: 212 Kbps (2)
10
: 424 Kbps
11
: RFU
3RFU
2:0
RFU
1, 2
AFDT (Optional) 2 bytes
0xPP 0xMM
Set the maximum
STRFNFCA listening time
so that it fits the maximum
ISO FWT:
0xPP
≤0x0E,
0x01
≤0xMM ≤0xFE
Frame Waiting Time (FWT) =
(2PP) *(MM+1) * 4096/13.56 µs
If AFDT is not specified,
the default FWT is ~ 86 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com