Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRFNFCA Datasheet(PDF) 4 Page - STMicroelectronics

Part # STRFNFCA
Description  Near field communication transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRFNFCA Datasheet(HTML) 4 Page - STMicroelectronics

  STRFNFCA Datasheet HTML 1Page - STMicroelectronics STRFNFCA Datasheet HTML 2Page - STMicroelectronics STRFNFCA Datasheet HTML 3Page - STMicroelectronics STRFNFCA Datasheet HTML 4Page - STMicroelectronics STRFNFCA Datasheet HTML 5Page - STMicroelectronics STRFNFCA Datasheet HTML 6Page - STMicroelectronics STRFNFCA Datasheet HTML 7Page - STMicroelectronics STRFNFCA Datasheet HTML 8Page - STMicroelectronics STRFNFCA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 74 page
background image
Description
STRFNFCA
4/74
Doc ID 023077 Rev 10
1
Description
The STRFNFCA is an integrated transceiver IC for contactless applications.
The STRFNFCA manages frame coding and decoding in Reader, Card Emulation and
Peer-to-Peer modes for standard applications such as near field communication (NFC),
proximity and vicinity standards.
The STRFNFCA embeds an Analog Front End to provide the 13.56 MHz Air Interface.
The STRFNFCA supports ISO/IEC 14443 Type A and B in Reader and Card Emulation
modes, ISO/IEC 15693 (single or double subcarrier in Reader mode only) and ISO/IEC
18092 protocols in Reader and Card Emulation modes.
The STRFNFCA also supports the detection, reading and writing of NFC Forum Type 1, 2, 3
and 4 tags.
1.1
Block diagram
Figure 1.
STRFNFCA application overview
STRFNFCA
Host
Interrupt Management
SPI
UART
Controller
(MCU)
Figure 2.
STRFNFCA block diagram
STRFNFCA
Frame Controller
AFE IP
Configuration
register
Card
Emulator
14443A/B
18092
Reader
14443A/B
15693
18092
Digital
Tag/Field
Detector
Timer
Accelerators
Encoder/Decoder
FIFO
AFE
Signal
Mux
Mod/
Demod
Tag / field
Detector
Status
registers
User interface
(Set @ POR)
SPI: MISO, MOSI,
SS, and SCK
UART: RX and TX
IRQ control
Power & Clock
Management
Host
(User
Side)
Xin
Xout
TX1
TX2
RX2
RX1
IO_1
IO_8
VPS_TX
GND_TX
VPS_Main
GND_Dig
GND_RX
27.12 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com