Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRFNFCA Datasheet(PDF) 44 Page - STMicroelectronics

Part # STRFNFCA
Description  Near field communication transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRFNFCA Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STRFNFCA Datasheet HTML 40Page - STMicroelectronics STRFNFCA Datasheet HTML 41Page - STMicroelectronics STRFNFCA Datasheet HTML 42Page - STMicroelectronics STRFNFCA Datasheet HTML 43Page - STMicroelectronics STRFNFCA Datasheet HTML 44Page - STMicroelectronics STRFNFCA Datasheet HTML 45Page - STMicroelectronics STRFNFCA Datasheet HTML 46Page - STMicroelectronics STRFNFCA Datasheet HTML 47Page - STMicroelectronics STRFNFCA Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 74 page
background image
Commands
STRFNFCA
44/74
Doc ID 023077 Rev 10
5.13
AcFilter command (0xOD) description
This command activates/deactivates the anti-collision filter in Type A Card Emulation mode.
The ACFILTER command activates or deactivates an anti-collision filter for ISO/IEC 14443A
card protocol.
If the filter is not activated, all received commands will be sent to external microcontroller.
If the filter is activated, internal firmware will try to interpret commands sent by the reader
itself and perform an anti-collision sequence. Data will not be sent to the external MCU
during anti-collision phase. It will only be sent when anti-collision is finished and STRFNFCA
is selected to perform Level 4 of ISO/IEC 14443 A protocol.
The STRFNFCA is able to interpret and respond to the following commands:
If the Len field is ‘1’, this function forces the STRFNFCA to enter to ‘Halt’ state. If Len is ‘0’,
this function returns the actual state.
Table 33.
Activate/deactivate anti-collision filter command description
Direction
Data
Comments
Example
Host to
STRFNFCA
0D
Command code
>>>0x0D00
: deactivate filter
>>>0x0D0A00AA8804485BA1120000
Activate filter for 2-cascade anti-collision
Note that length can be:
7: for 1-cascade level filter
11: for 2-cascade levels filter
15: for 3-cascade levels filter
All other values will cause ‘Invalid
command length’ error.
<Len>
Length of data
<ATQA>
Unused and proprietary
bits of SAK (protocol bits
will be handled by
firmware)
<SAK>
Unused and proprietary
bits of SAK (protocol bits
will be handled by
firmware)
<UID part 1>
UID for cascade level 1
(Mandatory)
<UID part 2>
UID for cascade level 2
(Optional)
<UID part 3>
UID for cascade level 3
(Optional)
STRFNFCA
to Host
00
Result code
<<<0x0000
Filter is successfully
activated/deactivated
00
Length of data = 0
STRFNFCA
to Host
82
Error code
<<<0x8200
Invalid command length
<<<0x8300
Invalid protocol
00
Length of data
Table 34.
Commands to which device is able to respond
Command
Code
Definition
SENS_REQ
26 (7-bit)
Sense request
ALL_REQ
52 (7-bit)
wakeup all request
SDD_REQ
93, 95, 97
Single device detection request
SEL_REQ
9370, 9570, 9770
Select request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com