Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRFNFCA Datasheet(PDF) 1 Page - STMicroelectronics

Part # STRFNFCA
Description  Near field communication transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRFNFCA Datasheet(HTML) 1 Page - STMicroelectronics

  STRFNFCA Datasheet HTML 1Page - STMicroelectronics STRFNFCA Datasheet HTML 2Page - STMicroelectronics STRFNFCA Datasheet HTML 3Page - STMicroelectronics STRFNFCA Datasheet HTML 4Page - STMicroelectronics STRFNFCA Datasheet HTML 5Page - STMicroelectronics STRFNFCA Datasheet HTML 6Page - STMicroelectronics STRFNFCA Datasheet HTML 7Page - STMicroelectronics STRFNFCA Datasheet HTML 8Page - STMicroelectronics STRFNFCA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 74 page
background image
This is information on a product in full production.
November 2012
Doc ID 023077 Rev 10
1/74
1
STRFNFCA
Near field communication transceiver
Datasheet
−production data
Features
■
Operating modes supported:
– Reader/Writer
– Card Emulation
– Peer-to-Peer
■
Hardware features
– Dedicated internal frame controller
– Highly integrated Analog Front End (AFE)
for RF communications
– Transmission and reception modes
– Optimized power management
– Tag Detection mode
– Field Detection mode
■
RF communication @13.56 MHz
– ISO/IEC 14443 Type A and B in Reader
and Card Emulation modes
– ISO/IEC 15693 in Reader mode
– ISO/IEC 18092 in Reader and Card
Emulation modes
■
Communication interfaces with a Host
Controller
– Serial peripheral interface (SPI) Slave
interface up to 2 Mbps
– Universal asynchronous
receiver/transmitter (UART) up to 2 Mbps in
Reader mode only (not available for Card
Emulation mode)
– 256-byte command buffer (FIFO)
■
32-lead, 5x5 mm, very thin fine pitch quad flat
(VFQFPN) ECOPACK® package
Applications
Typical protocols supported:
■
ISO/IEC 14443-3 Type A and B tags
■
ISO/IEC 15693
■
ISO/IEC 18000-3M1 tags
■
NFC Forum tags: Types 1, 2, 3 and 4
■
ST Dual Interface EEPROM
Typical STRFNFCA applications include:
■
Handheld readers (OTP, PIN pad, POS)
– E-payment, physical access control,
transport, and government
■
PC-Link (USB /Serial/PCMCIA)
– E-payment, security access &
authentication, data exchange)
■
USB token
– Security access & authentication, data
exchange
■
Integrated solution (chipset)
■
Keyboard, laptop, set top box, printer, TV, etc.
■
E-payment, data exchange, Bluetooth pairing,
security access
VFQFPN32 5x5 mm
www.st.com


Similar Part No. - STRFNFCA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STRF0000 STMICROELECTRONICS-STRF0000 Datasheet
19Kb / 2P
CONTACTLESS READER CHIP SET
Oct-1999
STRF2163 STMICROELECTRONICS-STRF2163 Datasheet
21Kb / 2P
CONTACTLESS READER CHIP SET
Oct-1999
logo
HB Electronic Component...
STRF3-1RGB-CA HB-STRF3-1RGB-CA Datasheet
161Kb / 2P
LED
logo
Allegro MicroSystems
STRF6600 ALLEGRO-STRF6600 Datasheet
282Kb / 16P
OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
February 22, 2000
STRF6624 ALLEGRO-STRF6624 Datasheet
282Kb / 16P
OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
February 22, 2000
More results

Similar Description - STRFNFCA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST21NFCA STMICROELECTRONICS-ST21NFCA Datasheet
263Kb / 6P
Near field communication microcontroller
08-Feb-2008
logo
NXP Semiconductors
PN532 NXP-PN532 Datasheet
201Kb / 27P
Near Field Communication (NFC) controller
Rev.3.2-20 September 2012
logo
Panasonic Battery Group
NFC PANASONICBATTERY-NFC Datasheet
202Kb / 1P
Near Field Communication LSI
logo
NXP Semiconductors
PN533 PHILIPS-PN533 Datasheet
76Kb / 9P
Near Field Communication (NFC) controller
Rev. 3.3-16 July 2012
logo
STMicroelectronics
RX95HF STMICROELECTRONICS-RX95HF Datasheet
634Kb / 44P
Near field communication transceiver for tag emulation
02-Jun-2014
logo
NXP Semiconductors
PN5331B3HN NXP-PN5331B3HN Datasheet
1Mb / 236P
Near Field Communication (NFC) controller
Rev. 3.4-29 November 2017
PN7160 NXP-PN7160 Datasheet
755Kb / 68P
Near Field Communication (NFC) controller
Rev.3.2-30September2021
logo
STMicroelectronics
ST25R95 STMICROELECTRONICS-ST25R95 Datasheet
874Kb / 61P
Near field communication transceiver
Rev 4
logo
NXP Semiconductors
PN7160 NXP-PN7160_V01 Datasheet
761Kb / 70P
Near Field Communication (NFC) controller
Rev. 3.8 - 14 December 2022
PN7160 NXP-PN7160_V02 Datasheet
760Kb / 67P
Near Field Communication (NFC) controller
Rev. 3.9 - 8 March 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com