Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRFNFCA Datasheet(PDF) 25 Page - STMicroelectronics

Part # STRFNFCA
Description  Near field communication transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRFNFCA Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STRFNFCA Datasheet HTML 21Page - STMicroelectronics STRFNFCA Datasheet HTML 22Page - STMicroelectronics STRFNFCA Datasheet HTML 23Page - STMicroelectronics STRFNFCA Datasheet HTML 24Page - STMicroelectronics STRFNFCA Datasheet HTML 25Page - STMicroelectronics STRFNFCA Datasheet HTML 26Page - STMicroelectronics STRFNFCA Datasheet HTML 27Page - STMicroelectronics STRFNFCA Datasheet HTML 28Page - STMicroelectronics STRFNFCA Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 74 page
background image
STRFNFCA
Commands
Doc ID 023077 Rev 10
25/74
ISO/IEC
14443
Type A
NFC
Forum Tag
Type 4A
NFC
Forum Tag
Type 1
(Topaz)
NFC
Forum Tag
Type 2
Send example
04
07
9370800
F8C8E
28
Example of an NFC Forum Type 2
request sequence:
>>>0x04022607
(REQA)
<<<0x800544002800
(ATQA)
>>>0x0403932008
(Anti-collision CL1)
<<<0x80088804A8D5F1280000
(UID
CL1)...
Example of an NFC Forum Type 1
(Topaz) request sequence:
>>>0x04022607
(REQA)
<<<0x8005000C280000
(ATQ0 ATQ1)
>>>0x040878000000000000A8
(RID)
<<<0x800B11486E567A003E450800
00
(Header0 Header1 UID0 UID 1 UID2
UID3 CRC0 CRC1Signifcant bits
indexColbyte IndexColbit)
Application SW must specify how many
bits to send in the last byte. If flag
SplitFrame is set, STRFNFCA will
expect
8 – <significant bit count> bits in the 1st
byte during reception. Otherwise it
expects 8 bits.
This command is useful for anti-collision.
Command code
Length of entire data field
Data
Transmission flags:
7: Topaz send format. Use EOF instead of
parity bit and use SOF at beginning of each
byte. Pause between bytes and assume 1st
byte is 7 bits.
6: SplitFrame
5: Append CRC
4: Do not decode parity bit for proprietary
framing
[3:0]: 8 – number of significant bits in last byte
ISO/IEC
14443
Type B
NFC
Forum Tag
Type 4B
Send example
04
03
050000
Example of an NFC Forum Type 4B
request sequence:
>>>0x0403050000
(REQB)
<<<0x800F5077FE01B30000000000
71718EBA00
(ATQB)
Command code
Length of entire data field
Data
ISO/IEC
18092
NFC
Forum Tag
Type 3
Send example
04
05
00FFFF0000
Example of an ISO/IEC 18092 / NFC
Forum Type 3request sequence:
>>>0x040500FFFF0000
(REQC)
<<<0x801201010102148E0DB41310
0B4B428485D0FF00
(ATQC)
Command code
Length of entire data field
Data
Table 14.
List of <Data> Send values for the SENDRECV command for different
protocols (continued)
Protocol
Explanation
Command example
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com