Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRFNFCA Datasheet(PDF) 39 Page - STMicroelectronics

Part # STRFNFCA
Description  Near field communication transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRFNFCA Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STRFNFCA Datasheet HTML 35Page - STMicroelectronics STRFNFCA Datasheet HTML 36Page - STMicroelectronics STRFNFCA Datasheet HTML 37Page - STMicroelectronics STRFNFCA Datasheet HTML 38Page - STMicroelectronics STRFNFCA Datasheet HTML 39Page - STMicroelectronics STRFNFCA Datasheet HTML 40Page - STMicroelectronics STRFNFCA Datasheet HTML 41Page - STMicroelectronics STRFNFCA Datasheet HTML 42Page - STMicroelectronics STRFNFCA Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 74 page
background image
STRFNFCA
Commands
Doc ID 023077 Rev 10
39/74
5.11.1
Improving RF performance
Adjusting the Modulation Index and Receiver Gain parameters helps adjust application
behavior. These parameters are the two nibbles of the Analog Register Configuration
register (ARC_B).
The default value of these parameters (Table 28) is set by the PROTOCOLSELECT command,
but they can be overwritten using the Write Register (WRREG) command (0x09). Table 26
and Table 27 list possible values for the Modulation Index and Receiver Gain parameters
respectively.
This new configuration is valid until a new PROTOCOLSELECT or Write Register (of register
ARC_B) command is executed. Register values are cleared at power off.
How to modify Analog Register Configuration register (ARC_B) values
1.
Use the PROTOCOLSELECT command (0x02) to select the correct communication
protocol.
For example, to select the ISO/IEC 18092 protocol:
Send PROTOCOLSELECT command:
>>>0x02020451
STRFNFCA reply:
<<<0x0000
2.
Read the Analog Register Configuration register (ARC_B) value.
a)
Write the ARC_B register index at 0x01:
>>>0x0903680001
STRFNFCA reply:
<<<0x0000
b)
Read the ARC_B register value:
>>>0x0803690100
STRFNFCA reply:
<<<0x015F
In this example, the ARC_B register value is 0x5F, where “5” is the Modulation Index
and “F” is the Receiver Gain.
3.
Modify the Modulation Index and Receiver Gain values with 0x23.
Write the ARC_B register index:
>>>0x090468010123
STRFNFCA reply:
<<<0x0000
Table 25.
WRREG command description (Modulation Index and Receiver Gain)
Direction
Data
Comments
Example
Host to
STRFNFCA
0x09
Command code
>>>0x090468010113
Update ARC_B value to 0x13
>>>0x0903680001
Set Analog Register Index to
0x01 (ARC_B) (1)
1.
This command must be executed before reading the ARC_B register (0x0803690100).
0x03
or
0x04
Length of data
0x68
Analog Register Configuration address
index
0x00
or
0x01
Flag Increment address or not after Write
command
0x01
Index pointing to the Modulation Index and
Receiver Gain values in ARC_B register
(0x01) (See Section 5.11.1)
0xXX
New value for Modulation Index and
Receiver Gain nibbles (See
Section 5.11.1)
STRFNFCA
to Host
0x00
Result code
<<<0x0000
Register written
0x00
Length of data (= RegCount)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com