Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRFNFCA Datasheet(PDF) 28 Page - STMicroelectronics

Part # STRFNFCA
Description  Near field communication transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRFNFCA Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STRFNFCA Datasheet HTML 24Page - STMicroelectronics STRFNFCA Datasheet HTML 25Page - STMicroelectronics STRFNFCA Datasheet HTML 26Page - STMicroelectronics STRFNFCA Datasheet HTML 27Page - STMicroelectronics STRFNFCA Datasheet HTML 28Page - STMicroelectronics STRFNFCA Datasheet HTML 29Page - STMicroelectronics STRFNFCA Datasheet HTML 30Page - STMicroelectronics STRFNFCA Datasheet HTML 31Page - STMicroelectronics STRFNFCA Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 74 page
background image
Commands
STRFNFCA
28/74
Doc ID 023077 Rev 10
The ECHO command (0x55) allows exiting Listening mode. In response to the ECHO
command, the STRFNFCA sends 0x55 + 0x8500 (error code of the Listening state
cancelled by the MCU).
Possible return codes are listed in Table 17.
If the request from the Reader was received and decoded correctly, the STRFNFCA will
send data back to the Host (Card Emulation application). This is explained in Table 18.
Table 17.
Respond codes from the STRFNFCA in Listening mode
Direction
Data
Comments
Example
STRFNFCA
to Host
80
Result code
<<<0x800605000071FF00
The request from the Reader is
decoded. This is an example of Request
in ISO/IEC 14443-B protocol.
<Len>
Length of data
<Data>
Data received.
Interpretation depends on
protocol
STRFNFCA
to Host
85
Error code
<<<0x8500
Listening mode was
cancelled by the application
00
Length of data
STRFNFCA
to Host
86
Error code
<<<0x8600
Communication error
00
Length of data
STRFNFCA
to Host
88
Error code
<<<0x8800
Invalid SOF
00
Length of data
STRFNFCA
to Host
89
Error code
<<<0x8900
Receive buffer overflow
(too many bytes received)
00
Length of data
STRFNFCA
to Host
8A
Error code
<<<0x8A00
Framing error (start bit=0,
stop bit=1)
00
Length of data
STRFNFCA
to Host
8B
Error code
<<<0x8B00
EGT time out (for ISO/IEC
14443-B)
00
Length of data
STRFNFCA
to Host
8D
Error code
<<<0x8D00
CRC error (Used in NFC
Forum Tag Type 3 protocol)
00
Length of data
STRFNFCA
- MCU
8E
Error code
<<<0x8E00
Reception lost without EOF
received
00
Length of data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com