Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRFNFCA Datasheet(PDF) 37 Page - STMicroelectronics

Part # STRFNFCA
Description  Near field communication transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRFNFCA Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STRFNFCA Datasheet HTML 33Page - STMicroelectronics STRFNFCA Datasheet HTML 34Page - STMicroelectronics STRFNFCA Datasheet HTML 35Page - STMicroelectronics STRFNFCA Datasheet HTML 36Page - STMicroelectronics STRFNFCA Datasheet HTML 37Page - STMicroelectronics STRFNFCA Datasheet HTML 38Page - STMicroelectronics STRFNFCA Datasheet HTML 39Page - STMicroelectronics STRFNFCA Datasheet HTML 40Page - STMicroelectronics STRFNFCA Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 74 page
background image
STRFNFCA
Commands
Doc ID 023077 Rev 10
37/74
●
Maxsleep (Byte 16): The STRFNFCA emits (MaxSleep +1) bursts before leaving Tag
Detection mode if bit 0 (Timer Out) of the WU source register is set to ‘1’. Otherwise,
when this bit is set to ‘0’, a burst is emitted indefinitely.
Note:
Bytes 4 to 9 should be used as shown in the examples in Section 5.9: Idle command (0x07)
description.
Note that the MaxSleep value is coded on the 5 least significant bits, thus:
0x00 < MaxSleep < 0x1F.
All the previously described command parameters must be chosen accordingly for the initial
tag detection calibration when setting up the STRFNFCA.
Their value will impact tag detection efficiency, and STRFNFCA power consumption during
Tag Detection periods.
5.9.5
Tag detection calibration procedure
The Idle command allows the use of a tag detection as a wake-up event. Certain
parameters of the Idle command are dedicated to setting the conditions of a tag detection
sequence.
During the tag detection sequence, the STRFNFCA regularly emits RF bursts and
measures the current in the antenna driver IDRIVE using the internal 6-bit DAC.
When a tag enters the STRFNFCA antenna RF operating volume, it modifies the antenna
loading characteristics and induces a change in IDRIVE, and consequently, the DAC data
register reports a new value.
This value is then compared to the reference value established during the tag detection
calibration process. This enables the STRFNFCA to decide if a tag has entered or not its
operating volume.
The reference value (DacDataRef) is established during a tag detection calibration process
using the STRFNFCA application setting with no tag in its environment.
The calibration process consists in executing a tag detection sequence using a well-known
configuration, with no tag within the antenna RF operating volume, to determine a specific
reference value (DacDataRef) that will be reused by the host to define the tag detection
parameters (DacDataL and DacDataH).
During the calibration process, DacDataL is forced to 0x00 and the software successively
varies the DacDataH value from its maximum value (0xFE) to it minimum value (0x00). At
the end of the calibration process, DacDataRef will correspond to the value of DacDataH for
which the wake-up event switches from Timeout (no tag in the RF field) to tag detected.
To avoid too much sensitivity of the tag detection process, we recommend using a guard
band. This value corresponds to 2 DAC steps (0x08).
Recommended guard band value:
DacDataL = DacDataRef – Guard and DacDataH = DacDataRef + Guard
The parameters used to define the tag detection calibration sequence (clocking, set-up time,
burst duration, etc.) must be the same as those used for the future tag detection sequences.
When executing a tag detection sequence, the STRFNFCA compares the DAC data register
value to the DAC Data parameter values (DacDataL and DacDataH) included in the Idle
command. The STRFNFCA will exit WFE mode through a Tag Detection event if the DAC
data register value is greater than the DAC Data parameter high value (DacDataH) or less
than the DAC Data parameter low value (DacDataL). Otherwise, it will return to Ready state
after a Timeout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com