Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRFNFCA Datasheet(PDF) 16 Page - STMicroelectronics

Part # STRFNFCA
Description  Near field communication transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRFNFCA Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STRFNFCA Datasheet HTML 12Page - STMicroelectronics STRFNFCA Datasheet HTML 13Page - STMicroelectronics STRFNFCA Datasheet HTML 14Page - STMicroelectronics STRFNFCA Datasheet HTML 15Page - STMicroelectronics STRFNFCA Datasheet HTML 16Page - STMicroelectronics STRFNFCA Datasheet HTML 17Page - STMicroelectronics STRFNFCA Datasheet HTML 18Page - STMicroelectronics STRFNFCA Datasheet HTML 19Page - STMicroelectronics STRFNFCA Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 74 page
background image
Commands
STRFNFCA
16/74
Doc ID 023077 Rev 10
5.3
IDN command (0x01) description
The IDN command (0x01) gives brief information about the STRFNFCA and its revision.
It takes approximately 6 ms to calculate the CRC for the entire ROM. The application must
allow sufficient time for waiting for a response for this command.
0x09
WRREG
Writes Analog Register Configuration (ARC_B) register or writes
index of ARC_B register address.
Writes the Timer Window (TimerW) value dedicated to ISO/IEC
14443 Type A tags.
Writes the AutoDetect Filter enable register dedicated to ISO/IEC
18092 tags.
0x0A
BAUDRATE
Sets the UART baud rate.
0x0D
ACFILTER
Enables or disables the anticollision filter.
0x55
ECHO
STRFNFCA performs a serial interface ECHO command (reply data
0x55
or stops the Listening state when a listen command has been
sent without error).
Other codes
ST Reserved
Table 6.
List of STRFNFCA commands (continued)
Code
Command
Description
Table 7.
IDN command description
Direction
Data
Comments
Example
Host to
STRFNFCA
0x01
Command code
>>>0x0100
0x00
Length of data
STRFNFCA
to Host
0x00
Result code
<<<0x000F4E4643204653324A41535
4320075D2
In this example,
<<<0x4E4643204653324A415354320
0
: ‘NFC FS2JAST2’, #2 (Last Character
of NFC FS2JAST2 means ROM code
revision 2.)
0x75D2
: CRC of ROM (real CRC may
differ from this example)
<Len>
Length of data
<Device ID>
Data in ASCII format
<ROM CRC>
CRC calculated for ROM
content



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com