Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRFNFCA Datasheet(PDF) 11 Page - STMicroelectronics

Part # STRFNFCA
Description  Near field communication transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRFNFCA Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STRFNFCA Datasheet HTML 7Page - STMicroelectronics STRFNFCA Datasheet HTML 8Page - STMicroelectronics STRFNFCA Datasheet HTML 9Page - STMicroelectronics STRFNFCA Datasheet HTML 10Page - STMicroelectronics STRFNFCA Datasheet HTML 11Page - STMicroelectronics STRFNFCA Datasheet HTML 12Page - STMicroelectronics STRFNFCA Datasheet HTML 13Page - STMicroelectronics STRFNFCA Datasheet HTML 14Page - STMicroelectronics STRFNFCA Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 74 page
background image
STRFNFCA
Communication protocols
Doc ID 023077 Rev 10
11/74
4
Communication protocols
4.1
Universal asynchronous receiver/transmitter (UART)
The host sends commands to the STRFNFCA and waits for replies. Polling for readiness is
not necessary. The default baud rate is 57600 baud. The maximum allowed baud rate is
2 Mbps.
When sending commands, no data must be sent if the LEN field is zero.
When receiving data from the STRFNFCA, no data will be received if the LEN field is zero.
The formats of send and receive packets are identical.
If an ECHO command is sent, only one byte (0x55) is sent by the host.
Figure 7 shows an example of an ECHO command.
Caution:
UART communication is LSB first. Stop bit duration is two Elementary Time Units
(ETUs).
Note:
1
When STRFNFCA leaves WFE mode (from Power-up, Hibernate, Sleep/Field Detector or
Tag Detector) following an |RQ_IN/RX low level pulse, this pulse is NOT interpreted as the
UART start bit character.
2
If the user loses UART synchronization, it can be recovered by sending an ECHO command
until a valid ECHO reply is received. Otherwise, after a maximum of 255 ECHO commands,
Figure 6.
UART communication
Figure 7.
ECHO command and response example
Sending commands to the STRFNFCA
Receiving data from the STRFNFCA
CMD
LEN
DATA
DATA
Several data bytes
Resp Code
LEN
DATA
DATA
Several data bytes
Ai18122
Int.
Clock
RX
TX
012
3
4567
10101010
1
(Stop)
(Echo 0x55)
Host to STRFNFCA
Rx
TX
STRFNFCA to Host
1
(Start)
10101010
1
(Stop)
(Echo 0x55)
1
(Start)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com