Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRFNFCA Datasheet(PDF) 40 Page - STMicroelectronics

Part # STRFNFCA
Description  Near field communication transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRFNFCA Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STRFNFCA Datasheet HTML 36Page - STMicroelectronics STRFNFCA Datasheet HTML 37Page - STMicroelectronics STRFNFCA Datasheet HTML 38Page - STMicroelectronics STRFNFCA Datasheet HTML 39Page - STMicroelectronics STRFNFCA Datasheet HTML 40Page - STMicroelectronics STRFNFCA Datasheet HTML 41Page - STMicroelectronics STRFNFCA Datasheet HTML 42Page - STMicroelectronics STRFNFCA Datasheet HTML 43Page - STMicroelectronics STRFNFCA Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 74 page
background image
Commands
STRFNFCA
40/74
Doc ID 023077 Rev 10
4.
Read the Analog Configuration register (ARC_B) value.
a)
Write the ARC_B register index at 0x01:
>>>0x0903680001
STRFNFCA reply:
<<<0x0000
b)
Read the ARC_B register value:
>>>0x0803690100
STRFNFCA reply:
<<<0x0123
Modulation Index and Receiver Gain values
.
Default code per protocol
5.11.2
Improving frame reception for ISO/IEC 14443 Type A tags
To improve STRFNFCA demodulation when communicating with ISO/IEC 14443 Type A
tags, it is possible to adjust the synchronization between digital and analog inputs by fine-
tuning the Timer Window (TimerW) value. This can be done using the Write Register
(WRREG) command to set a new TimerW value (min. 0x50, max. 0x60). The recommended
value is 0x56 or 0x58 when using the STRFNFCA demo board.
The default value of this parameter (0x52) is set by the PROTOCOLSELECT command, but it can
be overwritten using the WRREG command (0x09).
Table 26.
Possible Modulation Index values
Code
123
456
D
Modulation Index (1)
1.
Characterized only using ISO/IEC 10373 test set-up.
10%
17%
25%
30%
33%
36%
95%
Table 27.
Possible Receiver Gain values
Code
01
37
F
Receiver Gain (1)
1.
Characterized by design simulation.
34 dB
32 dB
27 dB
20 dB
8 dB
Table 28.
Default code for available reader protocols
Communication
protocol
Default value
Recommended
values for
STRFNFCA
demo board
Possible
Modulation
Index values
(MS nibble)
Possible
Receiver Gain
values (LS
nibble)
ISO/IEC 14443 Type A
reader
0xDF
0xD7
0xD
0x0, 0x1, 0x3,
0x7 or 0xF
ISO/IEC 14443 Type B
reader
0x2F
0x37
0x1, 0x2, 0x3 or
0x4
0x0, 0x1, 0x3,
0x7 or 0xF
ISO/IEC 18092reader
0x5F
0x23
0x1, 0x2, 0x3 or
0x4
0x0, 0x1, 0x3,
0x7 or 0xF
ISO/IEC 15693 reader
30%
0x53
0x53
0x4, 0x5 or 0x6
0x0, 0x1, 0x3,
0x7 or 0xF
ISO/IEC 15693 reader
100%
0xD3
0xD3
0xD
0x0, 0x1, 0x3,
0x7 or 0xF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com