Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRFNFCA Datasheet(PDF) 50 Page - STMicroelectronics

Part # STRFNFCA
Description  Near field communication transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRFNFCA Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STRFNFCA Datasheet HTML 46Page - STMicroelectronics STRFNFCA Datasheet HTML 47Page - STMicroelectronics STRFNFCA Datasheet HTML 48Page - STMicroelectronics STRFNFCA Datasheet HTML 49Page - STMicroelectronics STRFNFCA Datasheet HTML 50Page - STMicroelectronics STRFNFCA Datasheet HTML 51Page - STMicroelectronics STRFNFCA Datasheet HTML 52Page - STMicroelectronics STRFNFCA Datasheet HTML 53Page - STMicroelectronics STRFNFCA Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 74 page
background image
Electrical characteristics
STRFNFCA
50/74
Doc ID 023077 Rev 10
6.4
SPI characteristics
The STRFNFCA supports (CPOL = 0, CPHA = 0) and (CPOL = 1, CPHA = 1) modes.
Figure 12.
SPI timing diagram (Slave mode and CPOL = 0, CPHA = 0)
Table 42.
SPI interface characteristics
Symbol
Parameter
Condition
Min.
Max.
Unit
fSCK
1/ tc(SCK)
SPI clock frequency
2.0
MHz
VIL
Input low voltage
0.3
VPS
VIH
Input high voltage
0.7
VOL
Output low voltage
0.4
VOH
Output high voltage
0.7
tSU(NSS)
(1)
1.
Values based on design simulation and/or characterization results, and not on tested in production.
NSS setup time
70
ns
th(NSS)
(1)
NSS hold time
0
tCH(SCKL)
(1)
Clock low time
200
ns
tCH(SCKH)
(1)
Clock high time
200
tSU(SI)
(1)
Data slave Input setup time
20
ns
th(SI)
(1)
Data slave Input hold time
80
tv(SO)
(1)
Data slave output valid time
80
ns
th(SO)
(1)
Data slave output hold time
After enable
edge
0
Cb_SPI_IN
Capacitive load for input pins NSS,
CLK, MOSI
3pF
Cb_SPI_OUT
Capacitive load for input pins
MOSI
20
pF
MS18165V2
NSS input
tSU(NSS)
tc(SCK)
th(NSS)
tV(SO)
th(SO)
tsu(SI)
th(SI)
CPOL = 0
CPHA = 0
tCH(SCKH)
tCH(SCKL)
MSB Out
MSB In
Bit 6 Out
Bit 1 In
LSB Out
LSB In
MISO
MOSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com