Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRFNFCA Datasheet(PDF) 65 Page - STMicroelectronics

Part # STRFNFCA
Description  Near field communication transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRFNFCA Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STRFNFCA Datasheet HTML 61Page - STMicroelectronics STRFNFCA Datasheet HTML 62Page - STMicroelectronics STRFNFCA Datasheet HTML 63Page - STMicroelectronics STRFNFCA Datasheet HTML 64Page - STMicroelectronics STRFNFCA Datasheet HTML 65Page - STMicroelectronics STRFNFCA Datasheet HTML 66Page - STMicroelectronics STRFNFCA Datasheet HTML 67Page - STMicroelectronics STRFNFCA Datasheet HTML 68Page - STMicroelectronics STRFNFCA Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 74 page
background image
STRFNFCA
Examples of STRFNFCA command code to activate NFC Forum and ISO/IEC 15693
Doc ID 023077 Rev 10
65/74
>>> SENDRECV, 9570 7910000069 28
<<< 80 06 00 FE51 080000
--> UID = 04179F10000069
--> TAG selected
------ ISO14443-A END OF ANTICOLLISION ALGORITHM ------
REM,
READ @A5
>>> SENDRECV, 300C 28
<<< 80 15 00000000FFFFFFFFFFFFFFFFFFFFFFFF F4CD 080000
REM,
WRITE @0C data A5
>>> SENDRECV, A20CA5A5A5A5 28
<<< 8700 : Frame wait time out OR no tag
REM,
READ @A5
>>> SENDRECV, 300C 28
<<< 80 15 A5A5A5A5FFFFFFFFFFFFFFFFFFFFFFFF 84D8 080000
D.1.3
NFC Forum Tag Type 4A
**** STRFNFCA code example to support NFC Forum Tag Type 4A (14443-
A)
&
NDEF message
REM, 14443B (STRFNFCA Protocol Selection 14443_A)
REM, first Byte 01 in DLL_STCMD is only requested by STRFNFCA
Development SW
********** STRFNFCA setting to support extended Frame Waiting Time
**********
>>> 020402000180
<<< 0000
REM, Optimization of synchronization between digital and analog
inputs by adjusting TimerW value (default 0x52, min. 0x50, max.
0x60). Recommended value is 0x56 or 0x58 for NFC Forum Tag Type 1
(Topaz).
>>> 09043A005804
<<< 0000
REM,
Recommended modulation and gain is 0xD1 or 0xD3 for NFC Forum
Tag Type 1 (Topaz).
>>> 0904680101D1
<<< 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com