Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRFNFCA Datasheet(PDF) 15 Page - STMicroelectronics

Part # STRFNFCA
Description  Near field communication transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRFNFCA Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STRFNFCA Datasheet HTML 11Page - STMicroelectronics STRFNFCA Datasheet HTML 12Page - STMicroelectronics STRFNFCA Datasheet HTML 13Page - STMicroelectronics STRFNFCA Datasheet HTML 14Page - STMicroelectronics STRFNFCA Datasheet HTML 15Page - STMicroelectronics STRFNFCA Datasheet HTML 16Page - STMicroelectronics STRFNFCA Datasheet HTML 17Page - STMicroelectronics STRFNFCA Datasheet HTML 18Page - STMicroelectronics STRFNFCA Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 74 page
background image
STRFNFCA
Commands
Doc ID 023077 Rev 10
15/74
5
Commands
5.1
Command format
●
The frame from the Host to the STRFNFCA has the following format:
<CMD><Len><Data>
●
The frame from the STRFNFCA to Host has the following format:
<RespCode><Len><Data>
These two formats are available either in both UART and SPI modes.
Fields <Cmd>, <RespCode> and <Len> are always 1 byte long. <Data> can be from 0 to
255 bytes.
Note:
The ECHO command is an exception as it has only one byte (0x55).
The following symbols correspond to:
>>> Frame sent by the Host to STRFNFCA
<<< Frame sent by the STRFNFCA to the Host
5.2
List of commands
Table 6 summarizes the available commands.
Table 6.
List of STRFNFCA commands
Code
Command
Description
0x01
IDN
Requests short information about the STRFNFCA and its revision.
0x02
PROTOCOLSELECT
Selects the RF communication protocol and specifies certain
protocol-related parameters.
0x03
POLLFIELD
Returns the current value of the FieldDet flag (used in Card
Emulation mode).
0x04
SENDRECV
Sends data using the previously selected protocol and receives the
tag response.
0x05
LISTEN
Listens for data using previously selected protocol (used in Card
Emulation mode).
0x06
SEND
Sends data using previously selected protocol (used in Card
Emulation mode).
0x07
IDLE
Switches the STRFNFCA into a low consumption Wait for Event
(WFE) mode (Power-up, Hibernate, Tag Detector, or Sleep/Field
Detector), specifies the authorized wake-up sources and waits for
an event to exit to Ready state.
0x08
RDREG
Reads Wake-up event register or the Analog Register Configuration
(ARC_B) register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com