Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRFNFCA Datasheet(PDF) 33 Page - STMicroelectronics

Part # STRFNFCA
Description  Near field communication transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRFNFCA Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STRFNFCA Datasheet HTML 29Page - STMicroelectronics STRFNFCA Datasheet HTML 30Page - STMicroelectronics STRFNFCA Datasheet HTML 31Page - STMicroelectronics STRFNFCA Datasheet HTML 32Page - STMicroelectronics STRFNFCA Datasheet HTML 33Page - STMicroelectronics STRFNFCA Datasheet HTML 34Page - STMicroelectronics STRFNFCA Datasheet HTML 35Page - STMicroelectronics STRFNFCA Datasheet HTML 36Page - STMicroelectronics STRFNFCA Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 74 page
background image
STRFNFCA
Commands
Doc ID 023077 Rev 10
33/74
5.9.1
Idle command parameters
The Idle command (Host to STRFNFCA) has the following structure (all values are
hexadecimal):
STRFNFCA to
Host
0x00
Result code
This response is sent only when
STRFNFCA exits WFE mode.
<<<0x000101
Wake-up by
Timeout
<<<0x000102
Wake-up by tag
detect
<<<0x000108
Wake-up by low
pulse on IRQ_IN pin
0x01
Length of data
<Data>
Data (Wake-up source):
0x01: Timeout
0x02: Tag detect
0x08: Low pulse on
IRQ_IN pin
0x10: Low pulse on
SPI_SS pin
STRFNFCA to
Host
0x82
Error code
<<<0x8200
Invalid command
length
0x00
Length of data
1.
An initial calibration is necessary to determine DacDataL and DacDataH values required for leaving Tag
Detector state. For more information, contact your ST sales office for the corresponding application note.
Table 21.
Idle command description (continued)
Direction
Data
Comments
Example
Table 22.
Idle command structure
07
0E
xx
yy zz
yy zz
yy zz
aa
bb
cc
dd ee
ff
gg
Comma
nd code
Data
length
WU
source
Enter
Control
WU
Control
Leave
Control
WU
Period
Osc
Start
DAC
Start
DAC
Data
Swing
Count
Max
Sleep
Table 23.
Summary of Idle command parameters
Parameter
Description
Command code
This byte is the command code. ‘07’ represents the Idle command. This
command switches the device from Active mode to WFE mode.
Data length
This byte is the length of the command in bytes. Its value depends on the
following parameter values.
WU Source
This byte defines the authorized wake-up sources in the Wake-up source
register. Predefined values are:
0x01
: Time out
0x02
: Tag Detection
0x04
: Field Detector
0x06
: Not defined
0x08
: Low pulse on IRQ_IN
0x10
: Low pulse on SPI_SS
Enter Control
These two bytes (EnterCtrlL and EnterCtrlH) define the resources when
entering WFE mode.
0x0400
: Hibernate
0x0100
: Sleep (or 0x2100 if Timer source is enabled)
0x0142
: Sleep (if Field Detector source is enabled)
0xA200
: Tag Detector Calibration
0x2100
: Tag Detection
WU Control
These two bytes (WuCtrlL and WuCtrlH) define the wake-up resources.
0x0400
: Hibernate
0x3800
: Sleep/Field Detector
0xF801
: Tag Detector Calibration
0x7901
: Tag Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com