Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRFNFCA Datasheet(PDF) 32 Page - STMicroelectronics

Part # STRFNFCA
Description  Near field communication transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRFNFCA Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STRFNFCA Datasheet HTML 28Page - STMicroelectronics STRFNFCA Datasheet HTML 29Page - STMicroelectronics STRFNFCA Datasheet HTML 30Page - STMicroelectronics STRFNFCA Datasheet HTML 31Page - STMicroelectronics STRFNFCA Datasheet HTML 32Page - STMicroelectronics STRFNFCA Datasheet HTML 33Page - STMicroelectronics STRFNFCA Datasheet HTML 34Page - STMicroelectronics STRFNFCA Datasheet HTML 35Page - STMicroelectronics STRFNFCA Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 74 page
background image
Commands
STRFNFCA
32/74
Doc ID 023077 Rev 10
Table 21.
Idle command description
Direction
Data
Comments
Example
Host to
STRFNFCA
07
Command code
Example of switch from Active
mode to Hibernate state:
>>>0x07 0E 08 04 00 04 00
18 00 00 00 00 00 00 00 00
Example of switch from Active to
WFE mode (wake-up by low pulse
on IRQ_IN pin):
>>>0x07 0E 08 01 00 38 00
18 00 00 60 00 00 00 00 00
Example of switch from Active to
WFE mode (wake-up by low pulse
on SPI_SS pin):
>>>0x07 0E 10 01 00 38 00
18 00 00 60 00 00 00 00 00
Example of switch from Active
mode to WFE mode (Sleep / Field
Detector with wake-up by Field
Detection) :
>>> 0x07 0E 04 01 42 38 00
18 00 00 60 00 00 00 00
Example of wake-up by Timeout (7
seconds):
Duration before Timeout = 256 * tL
* (WU period + 2) * (MaxSleep + 1)
>>>0x07 0E 01 21 00 38 00
18 00 60 60 00 00 00 00 08
Example of switch from Active to
Tag Detector mode (wake-up by
tag detection or low pulse on
IRQ_IN pin) (32 kHz, inactivity
duration = 272 ms, DAC oscillator
= 3 ms, Swing = 63 pulses of 13.56
MHz):
>>>0x07 0E 0A 21 00 79 01
18 00 20 60 60 64 74 3F 08
Example of a basic Idle command
used during the Tag Detection
Calibration process:
>>>0x07 0E 03 A1 00 F8 01
18 00 20 60 60 00 xx 3F 01
where xx is the DacDataH value.
0E
Length of data
<WU Source>
Specifies authorized wake-
up sources and the LFO
frequency
EnterCtrlL
Settings to enter WFE
mode
EnterCtrlH
WUCtrlL
Settings to wake-up from
WFE mode
WUCtrlH
LeaveCtrlL
Settings to leave WFE
mode (Default value =
0x1800)
LeaveCtrlH
<WUPeriod>
Period of time between two
tag detection bursts. Also
used to specify the duration
before Timeout.
<OscStart>
Defines the Wait time for
HFO to stabilize:
<OscStart>
* tL
(Default value = 0x60)
<DacStart>
Defines the Wait time for
DAC to stabilize:
<DacStart>
* tL
(Default value = 0x60)
<DacDataL>
Lower compare value for
tag detection (1).
This value must be set to
0x00
during tag detection
calibration.
<DacDataH>
Higher compare value for
tag detection (1).
This is a variable used
during tag detection
calibration.
<SwingsCnt>
Number of swings HF
during tag detection
(Default value = 0x3F)
<MaxSleep>
Max. number of tag
detection trials before
Timeout (1).
This value must be set to
0x01
during tag detection
calibration.
Also used to specify
duration before Timeout.
MaxSleep must be:
0x00 < MaxSleep < 0x1F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com