Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRFNFCA Datasheet(PDF) 19 Page - STMicroelectronics

Part # STRFNFCA
Description  Near field communication transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRFNFCA Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STRFNFCA Datasheet HTML 15Page - STMicroelectronics STRFNFCA Datasheet HTML 16Page - STMicroelectronics STRFNFCA Datasheet HTML 17Page - STMicroelectronics STRFNFCA Datasheet HTML 18Page - STMicroelectronics STRFNFCA Datasheet HTML 19Page - STMicroelectronics STRFNFCA Datasheet HTML 20Page - STMicroelectronics STRFNFCA Datasheet HTML 21Page - STMicroelectronics STRFNFCA Datasheet HTML 22Page - STMicroelectronics STRFNFCA Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 74 page
background image
STRFNFCA
Commands
Doc ID 023077 Rev 10
19/74
ISO/IEC 14443
Type B
NFC Forum Tag
Type 4B
0x03
0
7:6
Transmission data rate
00
: 106 Kbps
01
: 212 Kbps
10
: 424 Kbps
11
: 848 Kbps
>>>0x02020301
:
ISO/IEC 14443 Type B tag with
CRC appended
5:4
Reception data rate
00
: 106 Kbps
01
: 212 Kbps
10
: 424 Kbps
11
: 848 Kbps
3:1
RFU
0
Append CRC if set to ‘1’.
(1)
1, 2
AFDT (Optional) 2 bytes
0xPP 0xMM
Set the maximum
STRFNFCA listening time
so that it fits the maximum
ISO FWT:
0xPP
≤0x0E,
0x01
≤0xMM ≤0xFE
Frame Waiting Time (FWT) =
(2PP) *(MM+1) * 4096/13.56 µs
If AFDT is not specified,
the default FWT is ~ 4.8 ms (3)
Table 9.
List of <Parameters> values for the PROTOCOLSELECT command for
different protocols (Reader) (continued)
Protocol
Code
Parameters
Examples of commands
Byte
Bit
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com