Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRFNFCA Datasheet(PDF) 43 Page - STMicroelectronics

Part # STRFNFCA
Description  Near field communication transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRFNFCA Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STRFNFCA Datasheet HTML 39Page - STMicroelectronics STRFNFCA Datasheet HTML 40Page - STMicroelectronics STRFNFCA Datasheet HTML 41Page - STMicroelectronics STRFNFCA Datasheet HTML 42Page - STMicroelectronics STRFNFCA Datasheet HTML 43Page - STMicroelectronics STRFNFCA Datasheet HTML 44Page - STMicroelectronics STRFNFCA Datasheet HTML 45Page - STMicroelectronics STRFNFCA Datasheet HTML 46Page - STMicroelectronics STRFNFCA Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 74 page
background image
STRFNFCA
Commands
Doc ID 023077 Rev 10
43/74
5.12
BaudRate command (0x0A) description
This command changes the UART baud rate.
Caution:
If the BaudRate command is not correctly executed, the baud rate value will remain
unchanged.
Table 32.
BAUDRATE command description
Direction
Data
Comments
Example
Host to
STRFNFCA
0x0A
Command code
0x01
Length of data
<
BaudRate>
New Baud Rate =
13.56 /(2*<BaudRate>+2) Mbps
Baud rate
255: 13.56/512 ~26.48 Kbps
254: 13.56/510 ~26.59 Kbps
253: 13.56/508 ~26.7 Kbps
. . .
117: 13.56/236 ~57.7 Kbps (Value after
power-up)
. . .
2: 13.56/6 ~2.26 Mbps
1: RFU
0: RFU
STRFNFCA
to Host
0x55
ECHOCode response of 0x55
<<<0x55
New baud rate is used
to reply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com