Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRFNFCA Datasheet(PDF) 38 Page - STMicroelectronics

Part # STRFNFCA
Description  Near field communication transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRFNFCA Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STRFNFCA Datasheet HTML 34Page - STMicroelectronics STRFNFCA Datasheet HTML 35Page - STMicroelectronics STRFNFCA Datasheet HTML 36Page - STMicroelectronics STRFNFCA Datasheet HTML 37Page - STMicroelectronics STRFNFCA Datasheet HTML 38Page - STMicroelectronics STRFNFCA Datasheet HTML 39Page - STMicroelectronics STRFNFCA Datasheet HTML 40Page - STMicroelectronics STRFNFCA Datasheet HTML 41Page - STMicroelectronics STRFNFCA Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 74 page
background image
Commands
STRFNFCA
38/74
Doc ID 023077 Rev 10
An efficient 8-step calibration algorithm is described in Example of tag detection calibration
process on page 58.
An example of a basic Idle command used during the Tag Detection Calibration process:
>>>0x07 0E 03 A1 00 F8 01 18 00 20 60 60 00 xx 3F 01
where xx is the DacDataH value.
An example of a tag detection sequence is provided in Example of tag detection command
using results of tag detection calibration on page 61.
5.10
Read Register (RdReg) command (0x08) description
This command is used to read the Wakeup register.
Note:
The Management of the Analog Register Configuration register (ARC_B) is described in
Section 5.11: Write Register (WrReg) command (0x09) description.
5.11
Write Register (WrReg) command (0x09) description
The Write Register (WRREG) command (0x09) is used to:
●
set the Analog Register Configuration address index value before reading or
overwriting the Analog Register Configuration register (ARC_B) value
●
set the Timer Window (TimerW) value used to improve STRFNFCA demodulation
when communicating with ISO/IEC 14443 Type A tags
●
set the AutoDetect Filter used to help synchronization of STRFNFCA with ISO/IEC
18092 tags
●
configure the HF2RF bit(a) to manage ICC RF (VPS_TX) consumption in Ready state
Table 24.
RDREG command description
Direction
Data
Comments
Example
Host to
STRFNFCA
0x08
Command code
Ex 1. >>>0x0803690100
Reads the ARC_B register. (1)
1.
This command must be preceded by the setting of the ARC_B register index (0x0903680001).
0x03
Length of data
0x62
or 0x69
Register address
0x01
Register size
0x00
ST Reserved
STRFNFCA
to Host
0x00
Result code
<<<0x000113
Depth = 1, Gain = 3 (Ex. 2)
<Len>
Length of data (=
RegCount)
<RegData>
Register data
STRFNFCA
to Host
0x82
Error code
<<<0x8200
Invalid command length
0x00
Length of data
a.
When the HF2RF bit is ‘0’, Reader mode is possible (default mode). When set to ‘1’, VPS_TX power
consumption is reduced (Ready mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com