Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRFNFCA Datasheet(PDF) 35 Page - STMicroelectronics

Part # STRFNFCA
Description  Near field communication transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRFNFCA Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STRFNFCA Datasheet HTML 31Page - STMicroelectronics STRFNFCA Datasheet HTML 32Page - STMicroelectronics STRFNFCA Datasheet HTML 33Page - STMicroelectronics STRFNFCA Datasheet HTML 34Page - STMicroelectronics STRFNFCA Datasheet HTML 35Page - STMicroelectronics STRFNFCA Datasheet HTML 36Page - STMicroelectronics STRFNFCA Datasheet HTML 37Page - STMicroelectronics STRFNFCA Datasheet HTML 38Page - STMicroelectronics STRFNFCA Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 74 page
background image
STRFNFCA
Commands
Doc ID 023077 Rev 10
35/74
5.9.3
Optimizing wake-up conditions
Using the Wake-up source register, it is possible to cumulate sources for a wake-up event. It
is strongly recommended to always set an external event as a possible wake-up source.
To cumulate wake-up sources, simply set the corresponding bits in the Wake-up source
register. For example, to enable a wake-up when a tag is detected (bit 1 set to ‘1’) or on a
low pulse on pin IRQ_IN (bit 3 set to ‘1’), set the register to 0x0A.
5.9.4
Using various techniques to return to Ready state
The Idle command and reply set offers several benefits to users by enabling various
methods to return the STRFNFCA to Ready state. Some methods are nearly automatic,
such as waiting for a timer overflow or a tag detection, but others consume more power
compared to the ones requesting a host action. A description of each method follows below.
Default setting: from POR to Ready state
After power-on, the STRFNFCA enters Power-up state.
To wake up the STRFNFCA and set it to Ready state, the user must send a low pulse on the
IRQ_IN pin. The STRFNFCA then automatically selects the external interface (SPI or
UART) and enters Ready state and is able to accept commSands after a delay of
approximately 6 ms (t3).
From Ready state to Hibernate state and back to Ready state
In Hibernate state, most resources are switched off to achieve an ultra-low power
consumption.
The only way the STRFNFCA can wake-up from Hibernate state is by an external event (low
pulse on pin IRQ_IN).
A basic Idle command is:
>>>0x07 0E 08 04 00 04 00 18 00 00 00 00 00 00 00 00
Note:
The Wake-up flag value is NOT significant when returning to Ready state from Hibernate
state or after a POR.
From Ready state to Sleep state and back to Ready state
Wake-up by external event (low pulse on IRQ_IN or SPI_SS pin)
In Sleep or Power-up states, operating resources are limited in function of the selected
wake-up source to achieve a moderate power consumption level.
An Idle command example when wake-up source is pin IRQ_IN:
>>>0x07 0E 08 01 00 38 00 18 00 00 60 00 00 00 00 00
A similar command can be implemented using pin SPI_SS as a wake-up source:
>>>0x07 0E 10 01 00 38 00 18 00 00 60 00 00 00 00 00
Wake-up by Timeout
The LFO is required to use the timer. However, this increases the typical power consumption
by 80 µA. Several parameters can be modified to reduce power consumption as much as
possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com