Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRFNFCA Datasheet(PDF) 30 Page - STMicroelectronics

Part # STRFNFCA
Description  Near field communication transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRFNFCA Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STRFNFCA Datasheet HTML 26Page - STMicroelectronics STRFNFCA Datasheet HTML 27Page - STMicroelectronics STRFNFCA Datasheet HTML 28Page - STMicroelectronics STRFNFCA Datasheet HTML 29Page - STMicroelectronics STRFNFCA Datasheet HTML 30Page - STMicroelectronics STRFNFCA Datasheet HTML 31Page - STMicroelectronics STRFNFCA Datasheet HTML 32Page - STMicroelectronics STRFNFCA Datasheet HTML 33Page - STMicroelectronics STRFNFCA Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 74 page
background image
Commands
STRFNFCA
30/74
Doc ID 023077 Rev 10
5.8
Send command (0x06) description
This command sends data without waiting for reply.
Before sending this command, the application must select a protocol.
Table 19.
SEND command description
Direction
Data
Comments
Example
Host to
STRFNFCA
06
Command code
Depends on protocol previously
selected!
>>>0x040C50920E997500000000B3
7171
: Emulation of TAG response in
ISO/IEC 14443-B protocol
<Len>
Length of data
<Data>
Data and additional
parameter to be sent
STRFNFCA
to Host
00
Result code
<<<0x0000
Data was successfully sent
00
Length of data
STRFNFCA
to Host
82
Error code
<<<0x8200
Invalid length (for example,
Length=0 where it is not possible)
00
Length of data
STRFNFCA
to Host
83
Error code
<<<0x8300
Invalid protocol previously
selected by Select Protocol command
00
Length of data
Table 20.
Format of data to be sent using SEND command
Protocol
Explanation
Response example
Comments
ISO/IEC-
14443
Type A
Send example
06 03 0400
08
<<<0x0603040008
Command code
Length of entire data field
Data
Parameter:
7:6: RFU
5: Append CRC
4: RFU
3:0: Number of significant bits in first
byte
ISO/IEC-
14443
Type B
Send example
06 04 01020304
Command code
Length of entire data field
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com