Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRFNFCA Datasheet(PDF) 27 Page - STMicroelectronics

Part # STRFNFCA
Description  Near field communication transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRFNFCA Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STRFNFCA Datasheet HTML 23Page - STMicroelectronics STRFNFCA Datasheet HTML 24Page - STMicroelectronics STRFNFCA Datasheet HTML 25Page - STMicroelectronics STRFNFCA Datasheet HTML 26Page - STMicroelectronics STRFNFCA Datasheet HTML 27Page - STMicroelectronics STRFNFCA Datasheet HTML 28Page - STMicroelectronics STRFNFCA Datasheet HTML 29Page - STMicroelectronics STRFNFCA Datasheet HTML 30Page - STMicroelectronics STRFNFCA Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 74 page
background image
STRFNFCA
Commands
Doc ID 023077 Rev 10
27/74
For more detailed examples of use with NFC Forum and ISO/IEC 15693 tags, refer to
Appendix D on page 62.
5.7
Listen command (0x05) description
In Card Emulation mode, this command listens for the command from an external reader.
Before sending this command, the application must select a protocol.
After reception of the LISTEN command and the return of a ‘No error’ confirmation, the
STRFNFCA enters Listening mode. The STRFNFCA will exit Listening mode as soon it
receives a command from an external reader or the ECHO command (0x55) from the Host
Controller (MCU).
In all cases, the STRFNFCA will send data or an error code to the Host controller (MCU).
ISO/IEC
18092
NFC
Forum
Tag Type
3
Response
example
80 12
01010105017B0...93FF
00
<<<0x801201010105017B
06941004014B024F4993F
F00
Result code
Length of entire data
field
Data received from tag
[7:2]: RFU
1: CRC error if set
0: RFU
Table 15.
List of <Data> Response values for the SENDRECV command for different
protocols (continued)
Protocol
Explanation
Response example
Comments
Table 16.
LISTEN
command description
Direction
Data
Comments
Example
Host to
STRFNFCA
05
Command code
0500
: Enters a Listening mode where
the STRFNFCA waits for a command
from an external reader.
00
Length of data
STRFNFCA to
Host
00
Result code
0000
No error. Confirmation that
STRFNFCA now is in Listening mode
00
Length of data
STRFNFCA to
Host
82
Error code
8200
Invalid command length
00
Length of data
STRFNFCA to
Host
83
Error code
8300
Invalid protocol or protocol is not
supported. For example, application
selects protocol Iso-15693 using
command select protocol and then
executes command LISTEN. Iso-15693
is not supported in Card Emulation
mode
00
Length of data
STRFNFCA to
Host
8F
Error code
8F00
No field. Command cannot be
executed because there is no external
field
00
Length of data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com