Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRFNFCA Datasheet(PDF) 69 Page - STMicroelectronics

Part # STRFNFCA
Description  Near field communication transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRFNFCA Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STRFNFCA Datasheet HTML 65Page - STMicroelectronics STRFNFCA Datasheet HTML 66Page - STMicroelectronics STRFNFCA Datasheet HTML 67Page - STMicroelectronics STRFNFCA Datasheet HTML 68Page - STMicroelectronics STRFNFCA Datasheet HTML 69Page - STMicroelectronics STRFNFCA Datasheet HTML 70Page - STMicroelectronics STRFNFCA Datasheet HTML 71Page - STMicroelectronics STRFNFCA Datasheet HTML 72Page - STMicroelectronics STRFNFCA Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 74 page
background image
STRFNFCA
Examples of STRFNFCA command code to activate NFC Forum and ISO/IEC 15693
Doc ID 023077 Rev 10
69/74
REM,
ATTRIB 0x1D PUPI 1byte 1byte 1byte 1 byte
+ CRC_B (1D
Identifier Param1 Param2 Param3 Param4)
REM,
Param1
00
use default TR0 TR1 use EOF
REM,
Param2
07
max frame size 106 Kbps Up & Dwn link
REM,
Param3
01
ISO14443 compliant
REM,
Param4 08
CID (8)
card Identifier
REM,
reply STRFNFCA 80 04 18EBC3 00
REM,
80 response OK
04 nb byte response
including ultimate byte
00 STRFNFCA reply OK
REM,
Reply 10F9E0
coefBufferLength 1
CID 1
+ CRC_B
REM,
ATTRIB ....CID0
>>> 04 09 1D AABBCCDD00070100
<<< 80 04 10 F9E0 00
REM,
14443_4
,
CID not used
REM,
APDU
for NDEF management
REM,
command format (INF)
CLA INS P1 P2 Lc(optional)
Data(optional)
REM,
Response (optional ):
body (optional) Sw1 sW2
REM,
Block Format Prolog INFO Epilog ( 02 [CID] [NAD]
[INF] CRC_B
)
REM,
Sequence lecture NDEF
( for all
following commands CRC_B is
automatically appends by STRFNFCA)
REM,
Select application suivant la version du tag (100)
>>> SENDRECV,
02
00 A4 040007D2760000850100
<<< 80 06 029000296A 00
REM,
response 90 00 ok
REM,
response
6A 82 application not found
REM,
Select CC
>>> SENDRECV, 03 00 A4 0000 02 E103
<<< 80 06 03 9000 F530 00
REM,
Read CC
>>> SENDRECV, 02 00 B0 0000 0F
<<< 80 15 02 000F1000FF00FF0406000110020000 9000 E7FA 00
REM, Select Ndef
0001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com