Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRFNFCA Datasheet(PDF) 29 Page - STMicroelectronics

Part # STRFNFCA
Description  Near field communication transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRFNFCA Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STRFNFCA Datasheet HTML 25Page - STMicroelectronics STRFNFCA Datasheet HTML 26Page - STMicroelectronics STRFNFCA Datasheet HTML 27Page - STMicroelectronics STRFNFCA Datasheet HTML 28Page - STMicroelectronics STRFNFCA Datasheet HTML 29Page - STMicroelectronics STRFNFCA Datasheet HTML 30Page - STMicroelectronics STRFNFCA Datasheet HTML 31Page - STMicroelectronics STRFNFCA Datasheet HTML 32Page - STMicroelectronics STRFNFCA Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 74 page
background image
STRFNFCA
Commands
Doc ID 023077 Rev 10
29/74
Table 18.
Data format sent to the Host in Listening mode
Protocol
Explanation
Response example
Comments
ISO/IEC-
14443
Type A
Request
example
80
0A
9370800F8C8E
8D
4E01
08
<<<0x80 0A
9370800F8C8E
8D 4E01 08
Result code
Length of entire data field
Data received from reader
Received value of BCC (if any)
Received value of CRC (if any)
7: RFU
6: RFU
5: CRC error
4: Parity error
3:0: number of significant bits in last byte
ISO/IEC-
14443
Type B
Request
example
80
06
050000
71FF
00
Result code
Length of entire data field
Data received from Reader
Original (received) value of CRC
7:2: RFU
1: CRC error if set
0: RFU
ISO/IEC-
18092
212/424
Request
example
80
06
00FFFF0000
00
<<<0x800600F
FFF000000
Result code
Length of entire data field
Data received from reader
7:2: RFU
1: CRC error if set
0: RFU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com