Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRFNFCA Datasheet(PDF) 41 Page - STMicroelectronics

Part # STRFNFCA
Description  Near field communication transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRFNFCA Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STRFNFCA Datasheet HTML 37Page - STMicroelectronics STRFNFCA Datasheet HTML 38Page - STMicroelectronics STRFNFCA Datasheet HTML 39Page - STMicroelectronics STRFNFCA Datasheet HTML 40Page - STMicroelectronics STRFNFCA Datasheet HTML 41Page - STMicroelectronics STRFNFCA Datasheet HTML 42Page - STMicroelectronics STRFNFCA Datasheet HTML 43Page - STMicroelectronics STRFNFCA Datasheet HTML 44Page - STMicroelectronics STRFNFCA Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 74 page
background image
STRFNFCA
Commands
Doc ID 023077 Rev 10
41/74
5.11.3
Improving RF reception for ISO/IEC 18092 tags
To improve STRFNFCA reception when communicating with ISO/IEC 18092 tags, it is
possible to enable an AutoDetect filter to synchronize ISO/IEC 18092 tags with the
STRFNFCA. This can be done using the Write Register (WRREG) command to enable the
AutoDetect filter.
By default, this filter is disabled after the execution of the PROTOCOLSELECT command, but it
can be enabled using the WRREG command (0x09).
Table 29.
WRREG command description (Timer Window)
Direction
Data
Comments
Example
Host to
STRFNFCA
0x09
Command code
>>>0x09043A005804
Set recommended TimerW
value.
0x03
or
0x04
Length of data
0x3A
Timer Window (TimerW) value
0x00
or
0x01
Flag Increment address or not after Write
command
0xXX
Set TimerW value (recommended value is
0x56 or 0x58)
0x04
TimerW value confirmation
STRFNFCA
to Host
0x00
Result code
<<<0x0000
Register written
0x00
Length of data (= RegCount)
Table 30.
WRREG command description (AutoDetect Filter)
Direction
Data
Comments
Example
Host to
STRFNFCA
0x09
Command code
>>>0x09040A0102A1
Enable the AutoDetect filter.
0x03
or
0x04
Length of data
0x0A
AutoDetect filter control value
0x00
or
0x01
Flag Increment address or not after Write
command
0x02
AutoDetect filter enable
0xA1
AutoDetect filter confirmation
STRFNFCA
to Host
0x00
Result code
<<<0x0000
Register written
0x00
Length of data (= RegCount)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com