Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRFNFCA Datasheet(PDF) 20 Page - STMicroelectronics

Part # STRFNFCA
Description  Near field communication transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRFNFCA Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STRFNFCA Datasheet HTML 16Page - STMicroelectronics STRFNFCA Datasheet HTML 17Page - STMicroelectronics STRFNFCA Datasheet HTML 18Page - STMicroelectronics STRFNFCA Datasheet HTML 19Page - STMicroelectronics STRFNFCA Datasheet HTML 20Page - STMicroelectronics STRFNFCA Datasheet HTML 21Page - STMicroelectronics STRFNFCA Datasheet HTML 22Page - STMicroelectronics STRFNFCA Datasheet HTML 23Page - STMicroelectronics STRFNFCA Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 74 page
background image
Commands
STRFNFCA
20/74
Doc ID 023077 Rev 10
ISO/IEC 18092
NFC Forum Tag
Type 3
0x04
0
7:6
Transmission data rate
00
: RFU
01
: 212 Kbps
10
: 424 Kbps
11
: RFU
>>>0x02020451
:
ISO/IEC18092 tag, 212 Kbps
transmission and reception
rates with CRC appended.
Parameter ‘Slot counter’ is not
mandatory. If it is not present, it
is assumed that SlotCounter =
0x00
(1 slot)
For device detection
commands, byte 1 bit 4 must be
set to ‘0’. In this case, the FWT
is 2.4 ms for the 1st slot and
1.2 ms more for each following
slot, if slot counter is specified.
If slot counter = 0x10, the
STRFNFCA does not respect
reply timings, but polls
incoming data and searches a
valid response during ~8.4 ms.
5:4
Reception data rate
00
: RFU
01
: 212 Kbps
10
: 424 Kbps
11
: RFU
3:1
RFU
0
Append CRC if set to ‘1’.
(1)
1
7:5
RFU
4
0: FWT = 2.4 ms
1: FWT is specified by
PP:MM bits
3:0
Slot counter
0
: 1 slot
1
: 2 slots
…
F
: 16 slots
2,3
AFDT (Optional) 2 bytes
0xPP 0xMM
Set the maximum
STRFNFCA listening time
so that it fits the maximum
ISO FWT:
0xPP
≤0x0E,
0x01
≤0xMM ≤0xFE
Frame Waiting Time (FWT) =
(2PP) *(MM+1) * 4096/13.56 µs
If AFDT is not specified,
the default FWT is ~ 302 µs
1.
It is recommended to set this bit to ‘1’.
2.
Not characterized.
3.
Max TR1 (Synchronization Time as defined in ISO/IEC 14443-2, Type B) supported by the STRFNFCA is
170 µs. This value will be increased to 302 µs in the next STRFNFCA revision.
Table 9.
List of <Parameters> values for the PROTOCOLSELECT command for
different protocols (Reader) (continued)
Protocol
Code
Parameters
Examples of commands
Byte
Bit
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com