Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRFNFCA Datasheet(PDF) 66 Page - STMicroelectronics

Part # STRFNFCA
Description  Near field communication transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRFNFCA Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STRFNFCA Datasheet HTML 62Page - STMicroelectronics STRFNFCA Datasheet HTML 63Page - STMicroelectronics STRFNFCA Datasheet HTML 64Page - STMicroelectronics STRFNFCA Datasheet HTML 65Page - STMicroelectronics STRFNFCA Datasheet HTML 66Page - STMicroelectronics STRFNFCA Datasheet HTML 67Page - STMicroelectronics STRFNFCA Datasheet HTML 68Page - STMicroelectronics STRFNFCA Datasheet HTML 69Page - STMicroelectronics STRFNFCA Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 74 page
background image
Examples of STRFNFCA command code to activate NFC Forum and ISO/IEC 15693 tags STRFNF-
66/74
Doc ID 023077 Rev 10
REM, last Byte x7 or x8 in SENDRECV
command
number of bit in the
14443 _Type A
frame
------ ISO14443-A STARTING ANTICOLLISION ALGORITHM ------
ISO14443-A REQA
>>> SENDRECV, 26 07
<<< 80 05 0400 280000
ISO14443-A ANTICOL 1
>>> SENDRECV, 9320 08
<<< 80 08 08192D A29E 280000
ISO14443-A SELECT 1
>>> SENDRECV, 937008192DA29E 28
<<< 80 06 20 FC70 080000
--> UID = 192DA29E
,
TAG selected
------ ISO14443-A END OF ANTICOLLISION ALGORITHM ------
***
ISO14443A_4 RATS/ATS
(bit rate capability/FDT/CID usage)
>>> SENDRECV, E050 28
<<< 80 0A 057833B003 A0F8 080000
******
ISO14443A_4 PPS
(Protocol parameter data rate)
>>> SENDRECV, D01100 28
<<< 80 06 D0 7387 080000
**
ISO14443_4 APDU
(command & reply are using Iblock format,
Prolog Information (APDU) Epilog)
*** 7816_ APDU format (Class Instruction, Param ,
Length cmd data
Length expeted)
*** last byte 28 is a control byte to request STRFNFCA to
automatically happen CRC as Epilog
*** In response first 2 Byte 80 xx and last three bytes 08 0000 are
STRFNFCA's control bytes
*** Detect & Access NDEF Message
*** Select Application by name
>>> SENDRECV, 02 00 A4040007D2760000850100 28
<<< 80 08 02 9000 F109 080000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com