Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRFNFCA Datasheet(PDF) 42 Page - STMicroelectronics

Part # STRFNFCA
Description  Near field communication transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRFNFCA Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STRFNFCA Datasheet HTML 38Page - STMicroelectronics STRFNFCA Datasheet HTML 39Page - STMicroelectronics STRFNFCA Datasheet HTML 40Page - STMicroelectronics STRFNFCA Datasheet HTML 41Page - STMicroelectronics STRFNFCA Datasheet HTML 42Page - STMicroelectronics STRFNFCA Datasheet HTML 43Page - STMicroelectronics STRFNFCA Datasheet HTML 44Page - STMicroelectronics STRFNFCA Datasheet HTML 45Page - STMicroelectronics STRFNFCA Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 74 page
background image
Commands
STRFNFCA
42/74
Doc ID 023077 Rev 10
5.11.4
Managing VPS_TX consumption in Ready state
In Ready state, ICC RF (VPS_TX) consumption is generally in the range of 200 µA
(maximum).
This consumption can be reduced to approximately 2 µA (typical) by setting a control bit (bit
HF2RF) to ‘1’ using the Write Register (WRREG) command. In this case, Reader mode is no
longer available.
To re-enable Reader mode, set the HF2RF bit to ‘0’ using the WRREG command or execute
a new PROTOCOLSELECT command.
Table 31.
WRREG command description (HF2RF bit)
Direction
Data
Comments
Example
Host to
STRFNFCA
0x09
Command code
>>>0x090468010710
ICC RF (VPS_TX) consumption
is reduced to approx. 2 µA
(typ.) In this case, Reader
mode is not available.
>>>0x090468010700
Reset the HF2RF bit to ‘0’ to
re-enable Reader mode.
0x03
or
0x04
Length of data
0x68
Analog Register Configuration address
index
0x00
or
0x01
Flag Increment address or not after Write
command
0x07
Index pointing to the HF2RF register
0x00
or
0x10
Set the HF2RF bit to ‘1’ (Reader mode is
not enabled)
or
Reset the HF2RF bit to ‘0’ (Reader mode
is enabled) (default value)
STRFNFCA
to Host
0x00
Result code
<<<0x0000
Register written
0x00
Length of data (= RegCount)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com