Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRFNFCA Datasheet(PDF) 12 Page - STMicroelectronics

Part # STRFNFCA
Description  Near field communication transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRFNFCA Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STRFNFCA Datasheet HTML 8Page - STMicroelectronics STRFNFCA Datasheet HTML 9Page - STMicroelectronics STRFNFCA Datasheet HTML 10Page - STMicroelectronics STRFNFCA Datasheet HTML 11Page - STMicroelectronics STRFNFCA Datasheet HTML 12Page - STMicroelectronics STRFNFCA Datasheet HTML 13Page - STMicroelectronics STRFNFCA Datasheet HTML 14Page - STMicroelectronics STRFNFCA Datasheet HTML 15Page - STMicroelectronics STRFNFCA Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 74 page
background image
Communication protocols
STRFNFCA
12/74
Doc ID 023077 Rev 10
STRFNFCA will reply with an error code meaning its input buffer is full. The user can now
restart a UART exchange.
4.2
Serial peripheral interface (SPI)
4.2.1
Polling mode
In order to send commands and receive replies, the application software has to perform 3
steps.
1.
Send the command to the STRFNFCA.
2.
Poll the STRFNFCA until it is ready to transmit the response.
3.
Read the response.
The application software should never read data from the STRFNFCA without being sure
that the STRFNFCA is ready to send the response.
The maximum allowed SPI communication speed is fSCK.
A Control byte is used to specify a communication type and direction:
●
0x00: Send command to the STRFNFCA
●
0x03: Poll the STRFNFCA
●
0x02: Read data from the STRFNFCA
●
0x01: Reset the STRFNFCA
The SPI_SS line is used to select a device on the common SPI bus. The SPI_SS pin is
active low.
When the SPI_SS line is inactive, all data sent by the Master device is ignored and the
MISO line remains in High Impedance state.
In Slave mode, the phase and polarization are defined with CPOL = 1 and CPHA = 1 or
CPOL = 0 and CPHA = 0.
Figure 8.
Sending command to STRFNFCA
Figure 9.
Polling the STRFNFCA until it is ready
MOSI
0 0 0 0 0 0 0 0
CMD
LEN
DATA
DATA
Control Byte
MISO
X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X
Several data bytes
MOSI
0 0 0 0 0 0 1 1
X X X X X X 1 1
X X X X X X 1 1
X X X X X X 1 1
Control Byte
MISO
X X X X X X X X
Flag
Flag
Flags are polled until data is ready (Bit 3 is set when data is ready)
0 0 0 0 0 X X X
0 0 0 0 0 X X X
0 0 0 0 1 X X X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com