Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRFNFCA Datasheet(PDF) 21 Page - STMicroelectronics

Part # STRFNFCA
Description  Near field communication transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRFNFCA Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STRFNFCA Datasheet HTML 17Page - STMicroelectronics STRFNFCA Datasheet HTML 18Page - STMicroelectronics STRFNFCA Datasheet HTML 19Page - STMicroelectronics STRFNFCA Datasheet HTML 20Page - STMicroelectronics STRFNFCA Datasheet HTML 21Page - STMicroelectronics STRFNFCA Datasheet HTML 22Page - STMicroelectronics STRFNFCA Datasheet HTML 23Page - STMicroelectronics STRFNFCA Datasheet HTML 24Page - STMicroelectronics STRFNFCA Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 74 page
background image
STRFNFCA
Commands
Doc ID 023077 Rev 10
21/74
Table 10.
List of <Parameters> values for different protocols (Card Emulation)
Protocol
(Card)
Code
Parameters
Examples of commands
Comments
Byte
Bit
Function
ISO/IEC
14443
Type A
12
0
7:6
Transmission data rate
00
: 106 Kbps
01
: 212 Kbps
10
: 424 Kbps (1)
11
: RFU
5:4
Reception data rate
00
: 106 Kbps
01
: 212 Kbps
10
: 424 Kbps (1)
11
: RFU
1.
Not qualified for this version.
3
0
: Return an error, if no field
1
: Wait for field
2RFU
1
0
: HFO
1
: ClkRec
0RFU
ISO/IEC
14443
Type B
13
0
7:6
Transmission data rate
00
: 106 Kbps
01
: 212 Kbps
10
: 424 Kbps
11
: 848 Kbps (1)
5:4
Reception data rate
00
: 106 Kbps
01
: 212 Kbps
10
: 424 Kbps
11
: 848 Kbps (1)
3
0
: Return an error, if no field
1
: Wait for field
2RFU
1
0
: HFO
1
: ClkRec
0
Append CRC if set to ‘1’.
ISO/IEC
18092
14
0
7:4
RFU
>>>0x02021403
3
0
: Return an error, if no field
1
: Wait for field
2RFU
1
0
: HFO
1
: ClkRec
0
Append CRC if set to ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com