Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRFNFCA Datasheet(PDF) 24 Page - STMicroelectronics

Part # STRFNFCA
Description  Near field communication transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRFNFCA Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STRFNFCA Datasheet HTML 20Page - STMicroelectronics STRFNFCA Datasheet HTML 21Page - STMicroelectronics STRFNFCA Datasheet HTML 22Page - STMicroelectronics STRFNFCA Datasheet HTML 23Page - STMicroelectronics STRFNFCA Datasheet HTML 24Page - STMicroelectronics STRFNFCA Datasheet HTML 25Page - STMicroelectronics STRFNFCA Datasheet HTML 26Page - STMicroelectronics STRFNFCA Datasheet HTML 27Page - STMicroelectronics STRFNFCA Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 74 page
background image
Commands
STRFNFCA
24/74
Doc ID 023077 Rev 10
Table 14 gives examples of communication between the STRFNFCA and a contactless tag.
The STRFNFCA receives a SendRecv command (>>> 0x04...) from the host and returns its
response to the host (<<< 0x80...). Table 14 provides more details on the STRFNFCA
response format.
STRFNFCA
to Host
0x8E
Error code
<<<0x8E00
Reception lost without EOF
received
0x00
Length of data
1.
ACK/NAK value will be correctly reported in next STRFNFCA revision.
Table 14.
List of <Data> Send values for the SENDRECV command for different
protocols
Protocol
Explanation
Command example
Comments
ISO/IEC
15693
Send example
04
03
022000
Example of an Inventory command
using different protocol configuration:
Uplink: 100% ASK, 1/4 coding
Downlink: High data rate, Single sub-
carrier
>>> 0x0403260100 (Inventory - 1 slot)
<<< 0x800D0000CDE0406CD62902
E0057900
If length of data is ‘0’, only the EOF will
be sent. This can be used for an anti-
collision procedure.
Command code
Length of entire data field
Data
Table 13.
SENDRECV
command description (continued)
Direction
Data
Comments
Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com