Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRFNFCA Datasheet(PDF) 23 Page - STMicroelectronics

Part # STRFNFCA
Description  Near field communication transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRFNFCA Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STRFNFCA Datasheet HTML 19Page - STMicroelectronics STRFNFCA Datasheet HTML 20Page - STMicroelectronics STRFNFCA Datasheet HTML 21Page - STMicroelectronics STRFNFCA Datasheet HTML 22Page - STMicroelectronics STRFNFCA Datasheet HTML 23Page - STMicroelectronics STRFNFCA Datasheet HTML 24Page - STMicroelectronics STRFNFCA Datasheet HTML 25Page - STMicroelectronics STRFNFCA Datasheet HTML 26Page - STMicroelectronics STRFNFCA Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 74 page
background image
STRFNFCA
Commands
Doc ID 023077 Rev 10
23/74
5.6
Send Receive (SendRecv) command (0x04) description
This command sends data to a contactless tag and receives its reply.
Before sending this command, the Host must first send the PROTOCOLSELECT command to
select an RF communication protocol.
If the tag response was received and decoded correctly, the <Data> field can contain
additional information which is protocol-specific. This is explained in Table 14.
Table 13.
SENDRECV
command description
Direction
Data
Comments
Example
Host to
STRFNFCA
0x04
Command code
See Table 14 and Table 15 for detailed
examples.
<Len>
Length of data
<Data>
Data to be sent
STRFNFCA
to Host
0x80
Result code
<<<0x800F5077FE01B30000000000
71718EBA00
The tag response is decoded. This is an
example of an ISO/IEC 14443 ATQB
response (Answer to Request Type B)
<Len>
Length of data
<Data>
Data received.
Interpretation depends on
protocol
STRFNFCA
to Host
0x90
Result code
<<<0x900400
Exception for 4-bit frames. This function
is limited.
ACK/NAK always returns ‘0’. (1)
0x04
Valid bits
ACK
or NAK
ISO 14443-A
ACK or NAK detection
STRFNFCA
to Host
0x86
Error code
<<<0x8600
Communication error
0x00
Length of data
STRFNFCA
to Host
0x87
Error code
<<<0x8700
Frame wait time out or no
tag
0x00
Length of data
STRFNFCA
to Host
0x88
Error code
<<<0x8800
Invalid SOF
0x00
Length of data
STRFNFCA
to Host
0x89
Error code
<<<0x8900
Receive buffer overflow
(too many bytes received)
0x00
Length of data
STRFNFCA
to Host
0x8A
Error code
<<<0x8A00
Framing error (start bit = 0,
stop bit = 1)
0x00
Length of data
STRFNFCA
to Host
0x8B
Error code
<<<0x8B00
EGT time out (for ISO/IEC
14443-B)
0x00
Length of data
STRFNFCA
to Host
0x8C
Error code
<<<0x8C00
Invalid length. Used in NFC
Forum Tag Type 3, when field Length <
3
0x00
Length of data
STRFNFCA
to Host
0x8D
Error code
<<<0x8D00
CRC error (Used in NFC
Forum Tag Type 3 protocol)
0x00
Length of data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com