Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRFNFCA Datasheet(PDF) 17 Page - STMicroelectronics

Part # STRFNFCA
Description  Near field communication transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRFNFCA Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STRFNFCA Datasheet HTML 13Page - STMicroelectronics STRFNFCA Datasheet HTML 14Page - STMicroelectronics STRFNFCA Datasheet HTML 15Page - STMicroelectronics STRFNFCA Datasheet HTML 16Page - STMicroelectronics STRFNFCA Datasheet HTML 17Page - STMicroelectronics STRFNFCA Datasheet HTML 18Page - STMicroelectronics STRFNFCA Datasheet HTML 19Page - STMicroelectronics STRFNFCA Datasheet HTML 20Page - STMicroelectronics STRFNFCA Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 74 page
background image
STRFNFCA
Commands
Doc ID 023077 Rev 10
17/74
5.4
Protocol Select command (0x02) description
This command selects the RF communication protocol and prepares the STRFNFCA for
communication with a contactless tag.
Note that there is no ‘Field ON’ command. When the application selects an RF
communication protocol, the field automatically switches ON if the Reader state is selected.
When the application selects a protocol, the STRFNFCA performs all necessary settings: it
will choose the appropriate reception and transmission chains, switch ON or OFF the RF
field and connect the antenna accordingly.
Different protocols have different sets of parameters. Values for the <Parameters> field
are listed in Table 9.
Table 8.
PROTOCOLSELECT
command description
Direction
Data
Comments
Example
Host to
STRFNFCA
0x02
Command code
See Table 9: List of <Parameters>
values for the ProtocolSelect command
for different protocols (Reader) on
page 18.
See Table 10: List of <Parameters>
values for different protocols (Card
Emulation) on page 21.
<Len>
Length of data
<Protocol>
Protocol codes (Reader):
00
: Field OFF
01
: ISO/IEC 15693
02
: ISO/IEC 14443-A /
NFC Forum Tag Type
1, Type 2, Type 4A
03
: ISO/IEC 14443-B /
NFC Forum Tag
Type 4B
04
: ISO/IEC 18092 /
NFC Forum Tag
Type 3
-------------------------------
Protocol codes (Card
Emulation):
12
: ISO/IEC 14443-A
13
: ISO/IEC 14443-B
14
: ISO/IEC 18092
<Parameters>
Each protocol has a
different set of
parameters. See Table 9.
STRFNFCA
to Host
0x00
Result code
<<<0x0000
Protocol is successfully selected
0x00
Length of data
STRFNFCA
to Host
0x82
Error code
<<<0x8200
Invalid command length
0x00
Length of data
STRFNFCA
to Host
0x83
Error code
<<<0x8300
Invalid protocol
0x00
Length of data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com