Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRFNFCA Datasheet(PDF) 47 Page - STMicroelectronics

Part # STRFNFCA
Description  Near field communication transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRFNFCA Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STRFNFCA Datasheet HTML 43Page - STMicroelectronics STRFNFCA Datasheet HTML 44Page - STMicroelectronics STRFNFCA Datasheet HTML 45Page - STMicroelectronics STRFNFCA Datasheet HTML 46Page - STMicroelectronics STRFNFCA Datasheet HTML 47Page - STMicroelectronics STRFNFCA Datasheet HTML 48Page - STMicroelectronics STRFNFCA Datasheet HTML 49Page - STMicroelectronics STRFNFCA Datasheet HTML 50Page - STMicroelectronics STRFNFCA Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 74 page
background image
STRFNFCA
Electrical characteristics
Doc ID 023077 Rev 10
47/74
6.2
DC characteristics
Table 37.
DC characteristics (VPS_Main = 3V±10% and VPS_TX = 3V±10%)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VPS_Main Supply voltage
2.7
3.0
3.3
V
VPS_TX
Supply voltage (RF drivers)
2.7
3.0
3.3
V
VIL
Input low voltage (I/Os)
0
0.2 x
VPS_Main
V
VIH
Input high voltage (I/Os)
0.7 x
VPS_Main
VPS_Main
V
VOH
Output high voltage (I/Os)
IOH = - 8 µA
0.7 x
VPS_Main
VPS_Main
V
VOL
Output low voltage (I/Os)
IOLMAX = 500 µA
0
0.15 x
VPS_Main
V
POR
Power-on reset voltage
1.8
V
Table 38.
DC characteristics (VPS_Main = 3V±10% and VPS_TX = 5V±10%)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VPS_Main Supply voltage
2.7
3.0
3.3
V
VPS_TX
Supply voltage (RF drivers)
4.5
5.0
5.5
V
VIL
Input low voltage (I/Os)
0
0.2 x
VPS_Main
V
VIH
Input high voltage (I/Os)
0.7 x
VPS_Main
VPS_Main
V
VOH
Output high voltage (I/Os)
IOH = - 8 µA
0.7 x
VPS_Main
VPS_Main
V
VOL
Output low voltage (I/Os)
IOLMAX = 500 µA
0
0.15 x
VPS_Main
V
POR
Power-on reset voltage
1.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com