Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRFNFCA Datasheet(PDF) 26 Page - STMicroelectronics

Part # STRFNFCA
Description  Near field communication transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRFNFCA Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STRFNFCA Datasheet HTML 22Page - STMicroelectronics STRFNFCA Datasheet HTML 23Page - STMicroelectronics STRFNFCA Datasheet HTML 24Page - STMicroelectronics STRFNFCA Datasheet HTML 25Page - STMicroelectronics STRFNFCA Datasheet HTML 26Page - STMicroelectronics STRFNFCA Datasheet HTML 27Page - STMicroelectronics STRFNFCA Datasheet HTML 28Page - STMicroelectronics STRFNFCA Datasheet HTML 29Page - STMicroelectronics STRFNFCA Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 74 page
background image
Commands
STRFNFCA
26/74
Doc ID 023077 Rev 10
Table 15.
List of <Data> Response values for the SENDRECV command for different
protocols
Protocol
Explanation
Response example
Comments
ISO/IEC
15693
Response
example
80 08 0000000000
77CF
00
This is a response on Read
Single Block command for
ISO/IEC 15693 TAG. Actual
TAG response is
<<<0x000000000077CF,
other fields are added by the
STRFNFCA.
Result code
Length of entire data
field
Data received from tag
Original (received) value of CRC
[7:2]: RFU
1: CRC error if set
0: Collision is detected if set
ISO/IEC
14443
Type A
NFC
Forum
Tag Type
4A
NFC
Forum
Tag Type
1
(Topaz)
NFC
Forum
Tag Type
2
Response
example
80 09 80B30B8DB500
00
00
00
ISO/IEC 14443-A is bit
oriented protocol, so we can
receive non-integer amount
of bytes. Number of
significant bits in the 1st byte
is the same as indicated in
the command sent.
To calculate a position of a
collision, application has to
take index of byte first. Index
of bit indicates a position
inside this byte. Note that
both indexes start from 0 and
bit index can be 8, meaning
that collision affected parity.
Note that collision
information is only valid when
bit ‘Collision is detected’ is
set.
Result code
Length of entire data
field
Data received from TAG
7: Collision is detected
6: RFU
5: CRC error
4: parity error
[3:0]: Shows how many significant bits are there
in the first byte
7:0: Index of the first byte where collision is detected
[7:4]: RFU
[3:0]: Index of the first bit where collision is detected
ISO/IEC
14443
Type B
NFC
Forum
Tag Type
4B
Response
example
80 0F
5092036A8D0
00000000071
71
3411
00
Result code
Length of entire data
field
Data received from tag
Original (received) value of CRC
[7:2]: RFU
1: CRC error if set
0: RFU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com