Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRFNFCA Datasheet(PDF) 7 Page - STMicroelectronics

Part # STRFNFCA
Description  Near field communication transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRFNFCA Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STRFNFCA Datasheet HTML 3Page - STMicroelectronics STRFNFCA Datasheet HTML 4Page - STMicroelectronics STRFNFCA Datasheet HTML 5Page - STMicroelectronics STRFNFCA Datasheet HTML 6Page - STMicroelectronics STRFNFCA Datasheet HTML 7Page - STMicroelectronics STRFNFCA Datasheet HTML 8Page - STMicroelectronics STRFNFCA Datasheet HTML 9Page - STMicroelectronics STRFNFCA Datasheet HTML 10Page - STMicroelectronics STRFNFCA Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 74 page
background image
STRFNFCA
Pin and signal descriptions
Doc ID 023077 Rev 10
7/74
12
UART_RX / IRQ_IN
I (3)
UART receive pin (4)
Interrupt input
13
VPS
P
Main power supply
14
UART_TX / IRQ_OUT
O (5)
UART transmit pin
Interrupt output
15
SPI_SS
I (5)
SPI Slave Select (active low)
16
SPI_MISO
O (5)
SPI Data, Slave Output
17
SPI_MOSI
I (5)
SPI Data, Slave Input (6)
18
SPI_SCK
I (7)
SPI serial clock
19
SSI_0
I (5)
Select serial communication
interface
20
SSI_1
I (5)
Select serial communication
interface
21
ST_R1
I (8)
ST Reserved
22
GND
P
Ground (digital)
23
NC
Not connected
24
NC
Not connected
25
NC
Not connected
26
NC
Not connected
27
NC
Not connected
28
NC
Not connected
29
XIN
Crystal oscillator input
30
XOUT
Crystal oscillator output
31
GND_TX
P
Ground (RF drivers)
32
VPS_TX
P
Power supply (RF drivers)
1.
I: Input, O: Output, and P: Power
2.
Must add a capacitor to ground (68 nF).
3.
Pad internally connected to a Very Weak Pull-up to VPS.
4.
We recommend connecting this pin to the VPS pin using a 3.3 kOhm pull-up resistor.
5.
Pad internally connected to a Weak Pull-up to VPS.
6.
Must not be left floating.
7.
Pad internally connected to a Weak Pull-down to GND.
8.
Pad input in High Impedance. Must be connected to VPS.
Table 2.
STRFNFCA pin descriptions (continued)
Pin
Pin name
Type(1)
Main function
Alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com