Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-3049 Datasheet(PDF) 12 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-3049
Description  DTCXO Temperature Compensated Real Time Clock
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-3049 Datasheet(HTML) 12 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-3049 Datasheet HTML 8Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 9Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 10Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 11Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 12Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 13Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 14Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 15Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 16Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 65 page
background image
Micro Crystal
DTCXO Temperature Compensated Real Time Clock / Calendar Module
RV-3049
12/65
3.2.3.CONTROL_INT FLAG (address 02h…bits description)
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
02h
Control_INT Flag
X
X
X
SRF
V2IF
V1IF
TF
AF
Bit
Symbol
Value
Description
Reference
7 to 5
unused
X
Unused
4
SRF
0
No Self-Recovery Interrupt generated
See section 4.6.
1
Self-Recovery Interrupt generated if possible
deadlock is detected; clear flag to clear Interrupt
3
V2IF
0
No VLOW2 Interrupt generated
See section 4.6.
1
VLOW2 Interrupt generated when supply voltage
drops below VLOW2 threshold
2
V1IF
0
No VLOW1 Interrupt generated
See section 4.6.
1
VLOW1 Interrupt generated when supply voltage
drops below VLOW1 threshold
1
TF
0
No Timer Interrupt generated
See section 4.6.
1
Timer Interrupt generated when Countdown Timer
value reaches zero
0
AF
0
No Alarm Interrupt generated
See section 4.6.
1
Alarm Interrupt generated when Time & Date
matches Alarm setting
Bit positions labelled as “
X” are not implemented and will return a “0” when read.
3.2.4.CONTROL_STATUS (address 03h…bits description)
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
03h
Control_Status
EEbusy
X
PON
SR
V2F
V1F
X
X
Bit
Symbol
Value
Description
Reference
7
EEbusy
0
EEPROM is not busy
See section 4.3.
1
Flag is set when EEPROM page is busy due to
“write” or automatic EEPROM refresh in progress
6
unused
X
Unused
5
PON
0
No Power-On Reset executed
See section 4.1.
1
Flag is set at Power-On, flag must be cleared by
writing “0”
4
SR
0
No Self-Recovery Reset or System Reset has
been generated.
See section 4.2.1.
1
Flag is set when Self-Recovery Reset or System
Reset has been generated.
3
V2F
0
No VLOW2 Interrupt generated”
See section 4.6.
1
VLOW2 Interrupt generated when supply voltage
drops below VLOW2 threshold
2
V1F
0
No VLOW1 Interrupt generated”
See section 4.6.
1
VLOW1 Interrupt generated when supply voltage
drops below VLOW1 threshold
1 to 0
unused
X
Unused
Bit positions labelled as “
X” are not implemented and will return a “0” when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com