Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-3049 Datasheet(PDF) 16 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-3049
Description  DTCXO Temperature Compensated Real Time Clock
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-3049 Datasheet(HTML) 16 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-3049 Datasheet HTML 12Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 13Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 14Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 15Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 16Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 17Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 18Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 19Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 20Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 65 page
background image
Micro Crystal
DTCXO Temperature Compensated Real Time Clock / Calendar Module
RV-3049
16/65
3.4. ALARM PAGE REGISTER FUNCTION
The Alarm Page registers contain alarm information. When one or more of these registers are loaded with a valid
second, minute, hour, day, weekday, month or year information and its corresponding alarm enable bit (AE_x) is
logic “1”, then that information will be compared with the current time / date information in the Watch Page
registers.
When all enabled comparisons first match (wired “AND”) and the AIE Flag (bit 0 in register Control_INT) is enabled,
then the AF Flag (bit 0 in register Control_INT) is set = “1” and an Interrupt signal becomes available at INT pin.
Disabled Alarm registers which have their corresponding bit AE_X at logic “0” are ignored.
3.4.1.SECONDS, MINUTES, HOURS, DAYS, WEEKDAYS, MONTHS, YEARS ALARM REGISTER
Alarm Seconds (address 10h…bits description)
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
10h
Second Alarm
AE_S
40
20
10
8
4
2
1
Bit
Symbol
Value
Description
7
AE_S
0
Second Alarm is disabled
1
Second Alarm is enabled
6 to 0
Seconds Alarm
0 to 59
These bits hold the Second Alarm information coded in BCD format
Alarm Minutes (address 11h…bits description)
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
11h
Minute Alarm
AE_M
40
20
10
8
4
2
1
Bit
Symbol
Value
Description
7
AE_M
0
Minute Alarm is disabled
1
Minute Alarm is enabled
6 to 0
Minutes Alarm
0 to 59
These bits hold the Minute Alarm information coded in BCD format
Alarm Hours (address 12h…bits description)
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
12h
Hours Alarm
AE_H
X
20-PM
10
8
4
2
1
Bit
Symbol
Value
Description
7
AE_H
0
Hour Alarm is disabled
1
Hour Alarm is enabled
6
X
-
Unused
12 hour mode (AM/PM)
5
20-PM
0
Indicates AM
1
Indicates PM
4 to 0
Hours Alarm
1 to 12
These registers hold the Hours Alarm information coded in BCD format
when in 12 hour mode
24 hour mode
5 to 0
Hours Alarm
0 to 23
These registers hold the Hours Alarm information coded in BCD format
when in 24 hour mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com