Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-3049 Datasheet(PDF) 56 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-3049
Description  DTCXO Temperature Compensated Real Time Clock
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-3049 Datasheet(HTML) 56 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-3049 Datasheet HTML 52Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 53Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 54Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 55Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 56Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 57Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 58Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 59Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 60Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 65 page
background image
Micro Crystal
DTCXO Temperature Compensated Real Time Clock / Calendar Module
RV-3049
56/65
8. APPLICATION INFORMATION
Operating RV-3049 without VBACKUP Supply:
RV-3049
VDD
CLKOUT
VSS
10 nF
VDD
1
µ Controller
VBACKUP
VSS
2
CLKOE
3
GPIO
SCL
SDI
INT
SCL
SDO
SDO
CE
CE
SDI
INT
1
When operating the RV-3049 without Backup Supply Voltage, it is recommended to tie VBACKUP pin to GND,
10 kOhm resistor is recommended.
2
Pull-up resistor of the INT signal can be tied directly to supply voltage VDD.
3
CLKOUT is enabled when CLKOE input is high. It either can be permanently enabled with a pull-up resistor
to supply voltage VDD or actively controlled by the µController.
If no clock function is needed, it is recommended to disable CLKOUT by permanently tie CLKOE pin with a
pull-down resistor to GND.
Operating RV-3049 with Backup Supply Voltage VBACKUP:
RV-3049
SCL
SDI
INT
VDD
CLKOUT
VSS
10 nF
VDD
µ Controller
SCL
SDO
INT
VBACKUP
VSS
4
CLKOE
GPIO
5
VBACKUP
VBACKUP
SDO
CE
CE
SDI
4
When operating the RV-3049 with either Supercap or Lithium Battery as Backup Supply, the INT signal
also works when the device operates on VBACKUP supply voltage. Therefore it is recommended to tie the
INT
pull-up resistor to VBACKUP.
5
When a Lithium Battery is used, it is recommended to insert a protection resistor of 100 - 1’000 Ohm to
limit battery current and to prevent damage in case of soldering issues causing short between supply pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com