Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-3049 Datasheet(PDF) 36 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-3049
Description  DTCXO Temperature Compensated Real Time Clock
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-3049 Datasheet(HTML) 36 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-3049 Datasheet HTML 32Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 33Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 34Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 35Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 36Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 37Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 38Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 39Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 40Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 65 page
background image
Micro Crystal
DTCXO Temperature Compensated Real Time Clock / Calendar Module
RV-3049
36/65
4.9. CLOCK OUTPUT CLKOUT
The internal reference frequency is generated by the oscillator-circuitry operating a 32.768 kHz “Tuning-Fork”
Quartz Crystal.
A programmable square wave is available at CLKOUT pin. Frequencies of 32.768 kHz, 1024 Hz, 32 Hz or 1 Hz can
be generated for use as a system clock, microcontroller clock, input to a charge pump or for test purposes.
The duty cycle of the selected clock is not controlled. However, due to the nature of the clock generation, all
frequencies will be 50:50 except the 32.768 kHz.
The frequency 32.768 kHz is clocked directly from the oscillator-circuitry, as a consequence of that, this frequency
does not contain frequency compensation clock pulses. The frequencies 1024 / 32 / 1 Hz are clocked from the
prescaler and contain frequency compensation clock pulses.
Operation is controlled by the bits “FD1” / “FD0” (bit 2 & 3 in the register EEPROM Control).
If “Clk/Int” is = “1” (bit 7 in register Control_1), CLKOUT pin becomes a push-pull CLKOUT output and can be
enabled / disabled with the CLKOE pin. When disabled with CLKOE pin = “low”, the CLKOUT output is pulled low.
Register EEPROM Control FD0 / FD1 CLKOUT Frequency Selection (address 30Eh…bits description)
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
30h
EEPROM Control
R80k
R20k
R5k
R1k
FD1
FD0
ThE
1
Bit
3
2
CLKOUT Frequency
Typ. Duty Cycle
Remarks
FD1
FD0
[Hz]
%
1)
3 to 2
0
0
32768
40:60 to 60:40
Directly from 32.768kHz oscillator
circuitry, without freq. compensation
0
1
1024
50:50
With frequency compensation
1
0
32
50:50
With frequency compensation
1
1
1
50:50
With frequency compensation
1) Duty cycle definition: % HIGH-level time : % LOW-level time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com