Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-3049 Datasheet(PDF) 11 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-3049
Description  DTCXO Temperature Compensated Real Time Clock
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-3049 Datasheet(HTML) 11 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-3049 Datasheet HTML 7Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 8Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 9Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 10Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 11Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 12Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 13Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 14Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 15Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 65 page
background image
Micro Crystal
DTCXO Temperature Compensated Real Time Clock / Calendar Module
RV-3049
11/65
3.2. CONTROL PAGE REGISTER FUNCTION
3.2.1.CONTROL_1 (address 00h…bits description)
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00h
Control_1
Clk/Int
TD1
TD0
SROn
EERE
TAR
TE
WE
Bit
Symbol
Value
Description
Reference
7
Clk/Int
0
Applies INT function on CLKOUT pin
See section 4.9.
1
Applies CLKOUT function on CLKOUT pin
6
TD1
00
01
10
11
Select Source Clock for internal Countdown Timer
See section 4.4.
5
TD0
4
SROn
0
Disables Self Recovery function
See section 4.8.
1
Enables Self Recovery function
3
EERE
0
Disables automatic EEPROM refresh every hour
See section 4.3.
1
Enables automatic EEPROM refresh every hour
2
TAR
0
Disables Countdown Timer auto-reload mode
See section 4.4.
1
Enables Countdown Timer auto-reload mode
1
TE
0
Disables Countdown Timer
See section 4.4.
1
Enables Countdown Timer
0
WE
0
Disables 1Hz Clock Source for Watch
See section 4.7.
1
Enables 1Hz Clock Source for Watch
3.2.2.CONTROL_INT (address 01h…bits description)
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
01h
Control_INT
X
X
X
SRIE
V2IE
V1IE
TIE
AIE
Bit
Symbol
Value
Description
Reference
7 to 5
unused
X
Unused
4
SRIE
0
Disables Self-Recovery INT
See section 4.8.
1
Enables Self-Recovery INT
3
V2IE
0
Disables VLOW2 INT; “Low Voltage 2 detection”
See section 4.1.2.
1
Enables VLOW2 INT; “Low Voltage 2 detection”
2
V1IE
0
Disables VLOW1 INT; “Low Voltage 1detection”
See section 4.1.2.
1
Enables VLOW1 INT; “Low Voltage 1detection”
1
TIE
0
Disables Countdown Timer INT
See section 4.4.1.
1
Enables Countdown Timer INT
0
AIE
0
Disables Alarm INT
See section 4.5.1.
1
Enables Alarm INT
Bit positions labelled as “
X” are not implemented and will return a “0” when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com