Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-3049 Datasheet(PDF) 46 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-3049
Description  DTCXO Temperature Compensated Real Time Clock
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-3049 Datasheet(HTML) 46 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-3049 Datasheet HTML 42Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 43Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 44Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 45Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 46Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 47Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 48Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 49Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 50Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 65 page
background image
Micro Crystal
DTCXO Temperature Compensated Real Time Clock / Calendar Module
RV-3049
46/65
Option B: parts individually calibrated based on generic temperature data
The Option: B devices are designed for an optimized trade off accuracy vs cost. Option B parts are individually
programmed to compensate the frequency deviation at 25°C but using generic batch data to compensate the
crystal’s temperature characteristics. Option B parts offer a good time accuracy at little cost.
XTAL offset:
Frequency deviation @ 25°C
Individually compensated
XTAL T0:
Turnover Temperature
Compensated with generic batch data
XTAL temp. coefficient: Frequency drift vs temperature
Compensated with generic batch data
Thermometer error:
Thermometer accuracy
Individually acquired at 25°C,
correction value individually embedded
in XTAL parameters
Samples of RV-3049 Opt: B parts are individually measured over the temperature range to derive the generic
batch data for the thermometer’s and crystal’s characteristics over the temperature range. Based on the
temperature data, frequency correction values are calculated and individually programmed into the
corresponding EEPROM register by the factory.
Below chart shows the time deviation of 30 tested devices over the temperature-range of individually calibrated
RTC’s (Opt: B) after the components were reflow soldered onto a PCB, the red dotted line shows the specified
time accuracy for Option: B devices.
Option B:
Temperature range
Time deviation
25°C
± 3 ppm
=
±0.26 seconds per day
0°C to + 50°C
± 5 ppm
=
±0.44 seconds per day
-10°C to + 60°C
±10 ppm
=
±0.87 seconds per day
-40°C to + 85°C
±25 ppm
=
±2.17 seconds per day
-40°C to +125°C
±30 ppm
=
±2.60 seconds per day
Option: B
(default)
Time Deviation vs. Temperature
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
Temperature [°C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com