Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-3049 Datasheet(PDF) 42 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-3049
Description  DTCXO Temperature Compensated Real Time Clock
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-3049 Datasheet(HTML) 42 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-3049 Datasheet HTML 38Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 39Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 40Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 41Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 42Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 43Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 44Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 45Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 46Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 65 page
background image
Micro Crystal
DTCXO Temperature Compensated Real Time Clock / Calendar Module
RV-3049
42/65
Effect of correction clocks:
•
CLKOUT 32.768 kHz:
not affected, this frequency is not compensated
•
CLKOUT 1024 / 32 / 1 Hz: affected, these frequencies are compensated
•
Timer / INT Output:
affected; the internal Timer Source Clocks are compensated
•
Time / Date
affected; time & date information are compensated
5.3.1.CORRECT METHOD FOR TESTING THE TIME ACCURACY
The compensation method of adding or subtracting correction clocks is changing the period of a single second;
therefore the duration of single seconds may vary within a compensation cycle of 32 seconds.
For a test result correctly representing the time accuracy of the RTC module, it is mandatory to measure the device
during one complete compensation cycle of 32 seconds.
When the device is tested over a shorter period of time, an error will be caused by the test method and shall be
considered for interpretation of the test-results:
Measuring Time
Resolution of Compensation Method
Test Error / Deviation per Day
1 second
± 1 clock
(32.768 kHz)
± 30.5 ppm / ± 2.7 sec. per day
2 seconds
± 1 clock
(32.768 kHz)
± 15.3 ppm / ± 1.3 sec. per day
4 seconds
± 1 clock
(32.768 kHz)
± 7.7 ppm / ± 0.7 sec. per day
8 seconds
± 1 clock
(32.768 kHz)
± 3.9 ppm / ± 0.4 sec. per day
32 seconds
± 1 clock
(32.768 kHz)
represents real performance
5.3.2.TESTING THE TIME ACCURACY USING CLKOUT OUTPUT
The simplest method to test the time accuracy of the Frequency Compensation Unit (FCU) is by measuring the
compensated frequencies at the CLKOUT pin.
Enable temperature compensation:
•
Select scanning interval 1 s:
set “ThP” = “0” (bit 0 register EEPROM Control)
•
Enable thermometer:
set “ThE” = “1” (bit 1 register EEPROM Control)
Select compensated frequency at CLKOUT:
•
Set CLKOUT frequency:
set “FD0” / “FD1” (bits 1&3 register EEPROM Control) to select
CLKOUT frequency = 1024Hz or alternatively 1Hz
Measuring equipment and setup:
•
Use appropriate frequency counter:
for example Agilent A53132A Universal Counter
•
Correct setup:
set gate time to 32 seconds (one complete compensation cycle)
to measure frequency and calculate time deviation upon the
measured frequency deviation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com