Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-3049 Datasheet(PDF) 25 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-3049
Description  DTCXO Temperature Compensated Real Time Clock
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-3049 Datasheet(HTML) 25 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-3049 Datasheet HTML 21Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 22Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 23Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 24Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 25Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 26Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 27Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 28Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 29Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 65 page
background image
Micro Crystal
DTCXO Temperature Compensated Real Time Clock / Calendar Module
RV-3049
25/65
4.2. RESET
A Reset can be initiated by 3 different ways:
•
Power On Reset (automatically initiated at power-up)
•
Software Reset (can be initiated by software)
•
Self-Recovery System Reset (automatically initiated if enabled by Software and possible deadlock is
detected)
4.2.1.POWER-UP RESET, SYSTEM RESET AND SELF-RECOVERY RESET
Power On Reset:
A Reset is automatically generated at Power On. After Power On Reset has been executed, bit 5 “PON” in Register
Control_Status is set = “1”, it needs to be cleared by writing = “0”.
System Reset:
A Software Reset can be initiated when the System-Reset command “SysR” is set =”1” (bit 4 in Register
Control_Reset). If a System-Reset is executed, the “SR” Flag (bit 4 in Register Control_Status) is set = “1”, needs
to be cleared by writing = “0”.
It is generally recommended to make a System Reset by Software after power-up.
Note:
Please consider the Register Reset Values shown in section 4.2.2. After a Reset has been executed, Self-
Recovery System “SROn” (bit 4 in Register Control_1) is set = “1” and Self-Recovery INT Enable “SRIE” (bit 4 in
Register Control_INT) is set = “0”.
Self-Recovery System Reset:
A Self-Recovery System Reset will be automatically initiated when the Self-Recovery function is enabled by bit 4
“SROn” in Register Control_1 is set “1” and internally a possible deadlock-state is detected. If a Self-Recovery
System Reset is executed, the bit 4 “SR” in Register Control_Status is set “1” and need to be cleared by writing “0”.
After a Self-Recovery System Reset is executed and Register Reset Values were written, bit 4 “SRF” in Register
Control_INT Flag is set “1” and needs to be cleared by writing “0”.
In case of a Self Recovery System Reset is executed, an Interrupt is available if Self-Recovery-INT function is
Enabled by bit 4 “SRIE” in Register Control_INT is set “1”.
The purpose of the Self Recovery function is to generate an internal System Reset in case the on-chip state
machine goes into a deadlock. The function is based on an internal counter that is periodically reset by the control
logic. If the counter is not reset on time, a possible deadlock is detected and a System Reset will be triggered. The
System Reset is executed latest after 2 temperature- or voltage-monitoring periods defined in Thermometer Period
bit 0 “ThP” in Register EEPROM Control, i.e. latest after 2 or 32 seconds.
Note:
Please consider the Register Reset Values shown in section 4.2.2. After a Reset has been executed, Self-
Recovery System bit 4 “SROn” in Register Control_1 = “1” and Self-Recovery INT Enable “SRIE” in Register
Control_INT = “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com