Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-3049 Datasheet(PDF) 32 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-3049
Description  DTCXO Temperature Compensated Real Time Clock
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-3049 Datasheet(HTML) 32 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-3049 Datasheet HTML 28Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 29Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 30Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 31Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 32Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 33Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 34Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 35Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 36Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 65 page
background image
Micro Crystal
DTCXO Temperature Compensated Real Time Clock / Calendar Module
RV-3049
32/65
4.5. ALARM FUNCTION
Every Alarm Register in Alarm Page can be individually enabled by setting bit 7 (AE_x) = “1”. Disabled alarm
registers which have their bit “AE_x” at logic = “0” are ignored.
When one or more of these registers are loaded with a valid second, minute, hour, day, weekday, month or year
information and its corresponding alarm enable bit (AE_x) is logic = ”1”, then that information will be compared with
the current time / date information in Watch Page registers.
Alarm function Blockdiagram
check now signal
SECOND ALARM
=
SECOND TIME
1
0
MINUTE ALARM
=
MINUTE TIME
1
0
HOUR ALARM
=
HOUR TIME
DAY ALARM
=
DAY TIME
1
0
SECOND AEN
MINUTE AEN
HOUR AEN
DAY AEN
INT
WEEKDAY ALARM
=
WEEKDAY TIME
1
0
MONTH ALARM
=
MONTH TIME
1
0
YEAR ALARM
=
YEAR TIME
1
0
WEEKDAY AEN
MONTH AEN
YEAR AEN
AF
&
1
0
AIE
to reset INT,
clear AF by writting = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com