Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-3049 Datasheet(PDF) 23 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-3049
Description  DTCXO Temperature Compensated Real Time Clock
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-3049 Datasheet(HTML) 23 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-3049 Datasheet HTML 19Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 20Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 21Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 22Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 23Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 24Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 25Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 26Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 27Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 65 page
background image
Micro Crystal
DTCXO Temperature Compensated Real Time Clock / Calendar Module
RV-3049
23/65
Example Power Up sequence, Low Voltage detection and Backup Supply switchover
1
Power Up Reset is executed; registers are loaded with Reset Values. PON flag is set at Power up
indicating that time / date information likely are corrupted.
Low voltage detection flags VLOW1 and VLOW2 are automatically cleared.
2
PON Flag needs to be cleared by software writing “0”.
3
Trickle charge circuitry for backup battery can be enabled by software.
4
Switchover to the backup supply voltage when VDD drops below VDD < (VBAT – 20mV).
5
Low voltage detection sets VLOW1 Flag when supply voltage drops VLOW1 threshold.
6
Low voltage detection sets VLOW2 Flag when supply voltage drops VLOW2 threshold.
7
Switchback from backup supply voltage to main supply voltage when VDD rise above VDD > (VBAT + 20mV).
8
VLOW1 and VLOW2 Flags need to be cleared by software writing “0”.
4.1.2.SUPPLY VOLTAGE OPERATING RANGE AND LOW VOLTAGE DETECTION
The RV-3049 has built-in low supply voltage detection which periodically monitors supply voltage levels vs. VLOW1
and VLOW2 thresholds.
If low supply voltage is detected, the corresponding flags VLOW1 and VLOW2 are set = “1”. Device functions critical to
low supply voltage are disabled.
During power up, the Low Voltage Detection is monitoring the supply voltage at an accelerated scan rate. If power
supply voltage exceed VLOW2 threshold, the flags VLOW1 and VLOW2 are cleared and the scan rate for the low voltage
detection is set to 1 second.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com