Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-3049 Datasheet(PDF) 6 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-3049
Description  DTCXO Temperature Compensated Real Time Clock
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-3049 Datasheet(HTML) 6 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-3049 Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 3Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 4Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 5Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 6Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 7Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 8Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 9Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 10Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 65 page
background image
Micro Crystal
DTCXO Temperature Compensated Real Time Clock / Calendar Module
RV-3049
6/65
2. BLOCK DIAGRAM
OUTPUT
CONTROL
OSC
SPI-BUS
4-wire
Serial
Interface
DIVIDER
and
TEMPERATURE
COMPENSATION
LOGIC
SYSTEM
CONTROL
LOGIC
TEMPERATURE
SENSOR
32.768 kHz
Xtal
CLKOUT
CLKOE
INT
SCL
VDD
VSS
POWER
CONTROL
VBACKUP
SDO
Control_1
Control_Status
29
00
Year Alarm
Month Alarm
Weekday Alarm
Day Alarm
Hour Alarm
Minutes Alarm
Year
Month
Weekday
Date
Hours
Minutes
Seconds
Control_INT-Flags
Control_INT
User EEPROM
User RAM
Temperature °K
Timer High
Timer Low
Seconds Alarm
User RAM
28
20
Xtal T0 Temp
Xtal Temp-Coef
EE Ctrl
2 Bytes
38
8 Byte
Xtal Deviation
3F
Control_Reset
30
08
10
18
SDI
CE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com