Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-3049 Datasheet(PDF) 21 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-3049
Description  DTCXO Temperature Compensated Real Time Clock
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-3049 Datasheet(HTML) 21 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-3049 Datasheet HTML 17Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 18Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 19Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 20Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 21Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 22Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 23Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 24Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 25Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
Micro Crystal
DTCXO Temperature Compensated Real Time Clock / Calendar Module
RV-3049
21/65
4. DETAILED FUNCTIONAL DESCRIPTION
4.1. POWER-UP, POWER MANAGEMENT AND BATTERY SWITCHOVER
The RV-3049 has two power supply pins:
•
VDD
the main power supply input pin
•
VBACKUP
the backup battery input pin
The RV-3049 has multiple power management function implemented:
•
Automatic switchover function between main power supply and backup supply voltage. The higher supply
voltage is selected automatically, with a switchover hysteresis of 20mV
•
Low supply voltage detection VLOW1 and VLOW2 with the possibility to generate an INT if the corresponding
control bits are enabled
•
Functions requiring a minimum supply voltage are automatically disabled if low supply voltage is detected
•
Interface and CLKOUT are automatically disabled when the device operates in backup supply mode
•
Programmable trickle charge circuitry to charge backup battery or supercap
Backup Switchover Circuitry Disables non-used Functions
1
Trickle charge circuitry is enabled by software when selecting trickle-charge resistors. When back-up
supply switchover-circuitry switches to the backup supply voltage, trickle charge function is disabled.
2
The implemented backup switchover circuitry continuously compares VDD and VBACKUP voltages and
connects the higher of them to the internal supply voltage VINT.
The switchover hysteresis from VDD to VBACKUP and vice versa is typically 20mV.
3
When the device is operating at the VBACKUP supply voltage, non-used RTC functions are disabled to
ensure optimized power consumption:
•
SPI interface
Disabled when operating in VBACKUP mode
•
CLKOUT
Disabled when operating in VBACKUP mode
•
INT
Enabled even when operating in VBACKUP mode
•
Trickle Charge
Disabled when operating in VBACKUP mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com