Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV-3049 Datasheet(PDF) 53 Page - MICORO CRYSTAL SWITZERLAND

Part # RV-3049
Description  DTCXO Temperature Compensated Real Time Clock
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-3049 Datasheet(HTML) 53 Page - MICORO CRYSTAL SWITZERLAND

Back Button RV-3049 Datasheet HTML 49Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 50Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 51Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 52Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 53Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 54Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 55Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 56Page - MICORO CRYSTAL SWITZERLAND RV-3049 Datasheet HTML 57Page - MICORO CRYSTAL SWITZERLAND Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 65 page
background image
Micro Crystal
DTCXO Temperature Compensated Real Time Clock / Calendar Module
RV-3049
53/65
7.3. STATIC CHARACTERISTICS
VDD= 1.4 V to 5.5 V; VSS= 0 V; Tamb= -40°C to +125°C; fOSC= 32.768 kHz
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
Supply voltage
VDD
Time-keeping mode
SPI bus reduced speed
1.4
5.5
V
SPI bus full speed
3.0
5.5
V
Minimum supply voltage detection
VLOW1
Tamb = -40°C to +125°C
1.8
2.1
V
Minimum supply voltage detection
VLOW2
Tamb = -40°C to +125°C
1.0
1.4
V
Main Supply to Backup Supply
Switchover Hysteresis
VHYST
VDD to VBACK = 3.0 V
20
mV
Supply current
SPI bus inactive
CLKOUT disabled
VBACK = 0 V
or
VDD = 0 V
IDD
(VBACK = 0 V)
or
IBACK
(VDD = 0 V)
VDD = 1.4 V
Tamb = -40°C to +85°C
0.6
1.5
µA
VDD = 1.4 V
Tamb = -40°C to +125°C
4.6
µA
VDD = 3.3 V
Tamb = -40°C to +85°C
0.8
2.0
µA
VDD = 3.3 V
Tamb = -40°C to +125°C
5.2
µA
VDD = 5.0 V
Tamb = -40°C to +85°C
0.9
2.2
µA
VDD = 5.0 V
Tamb = -40°C to +125°C
5.5
µA
Supply current
SPI bus active
CLKOUT disabled
IDD
SCL = 200 kHz
VDD = 1.4 V
Tamb = -40°C to +85°C
14
µA
SCL = 200 kHz
VDD = 1.4 V
Tamb = -40°C to +125°C
18
µA
SCL = 1 MHz
VDD = 3.3 V
Tamb = -40°C to +85°C
50
µA
SCL = 1 MHz
VDD = 3.3 V
Tamb = -40°C to +125°C
55
µA
SCL = 1 MHz
VDD = 5.0 V
Tamb = -40°C to +85°C
65
µA
SCL = 1 MHz
VDD = 5.0 V
Tamb = -40°C to +125°C
75
µA
Current consumption
SPI bus inactive
CLKOUT = 32.768kHz,
CLOAD = 7.5pF
IDD32K
VDD = 5.0V
2.5
3.4
µA
VDD = 3.3V
1.5
2.2
µA
VDD = 1.4V
1.1
1.6
µA
Inputs
LOW level input voltage
VIL
VDD = 1.4 V to 5.0V
Pins: SCL, SDI, CLKOE, CE
20%
VDD
V
HIGH level input voltage
VIH
80%
VDD
V
Input leakage current
VSS > VI < VDD
IL
Tamb = -40°C to +85°C
-1
+1
µA
Tamb = -40°C to +125°C
-1.5
+1.5
µA
Input capacitance
CI
7
pF
Outputs
HIGH level output voltage
VOH
VDD = 1.4V; IOH = 0.1mA
1.0
V
VDD = 3.3V; IOH = 1.5mA
2.7
VDD = 5.0V; IOH = 2.0mA
4.5
LOW level output voltage
VOL
VDD = 1.4V; IOL = 0.4mA
0.2
V
VDD = 3.3V; IOL = 1.5mA
0.25
VDD = 5.0V; IOL = 5.0mA
0.8
HIGH level output current
IOH
VOH = 4.5 V / VDD = 5 V
2.0
mA
LOW level output current
IOL
VOL = 0.8 V / VDD = 5 V
-5.0
mA
Output leakage current
ILO
VO = VDD or VSS
Tamb = -40°C to +85°C
-1
0
+1
µA
VO = VDD or VSS
Tamb = -40°C to +125°C
-1.5
0
+1.5
Operating Temperature Range
Operating temperature range
TOPR
-40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com